Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2637 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2637
Description  2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2637 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2637 Datasheet HTML 1Page - Monolithic Power Systems MP2637 Datasheet HTML 2Page - Monolithic Power Systems MP2637 Datasheet HTML 3Page - Monolithic Power Systems MP2637 Datasheet HTML 4Page - Monolithic Power Systems MP2637 Datasheet HTML 5Page - Monolithic Power Systems MP2637 Datasheet HTML 6Page - Monolithic Power Systems MP2637 Datasheet HTML 7Page - Monolithic Power Systems MP2637 Datasheet HTML 8Page - Monolithic Power Systems MP2637 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
MP2637 –2.5A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 2.4A BOOST
MP2637 Rev. 1.04
www.MonolithicPower.com
2
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION
To 5V System
VIN
VCC
SW
BATT
FB
MODE
PWIN
SYS
Battery
CHG
EN
CIN
CBATT
C4*
TMR
NTC
PGND
OLIM
MP2637
ILIM
ISET
BOOST
ACOK
VBATT
REG
VSYS
VB
Battery Voltage
Program
GND: 4.35V
High/Float: 4.2V
CSP
RS1
RISET
CTMR
RILIM
ROLIM*
R1
R2
5V Input
AGND
R3
R4
R5
L1*
C2
CSYS*
ICHG
IBATT
R6
VCC
Q1
Q2
Q3
Q4
*Note:
1.
ROLIM CANNOT be lower than 47.5kΩ. ROLIM is for the boost output current loop setting, and please refer to
the APPLICATION INFORMATION section for details.
2.
CSYS should be put as close to the SYS pin and PGND as possible. At least 22μF is recommended, and
CSYS+C2 should not be less than 44μF, the ceramic is preferred and E-cap is not recommended.
3.
VCC cap should not exceed 100nF. Recommend 47nF or 100nF.
4.
Inductor should not exceed 2.2
μH. Recommend 1.5μH or 2.2μH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com