Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2637 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2637
Description  2.5A Single Cell Switch Mode Battery Charger with Power Path Management (PPM) and 2.4A Boost Current with Trickle Timer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2637 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2637 Datasheet HTML 8Page - Monolithic Power Systems MP2637 Datasheet HTML 9Page - Monolithic Power Systems MP2637 Datasheet HTML 10Page - Monolithic Power Systems MP2637 Datasheet HTML 11Page - Monolithic Power Systems MP2637 Datasheet HTML 12Page - Monolithic Power Systems MP2637 Datasheet HTML 13Page - Monolithic Power Systems MP2637 Datasheet HTML 14Page - Monolithic Power Systems MP2637 Datasheet HTML 15Page - Monolithic Power Systems MP2637 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
MP2637 –2.5A SINGLE CELL SW MODE BATTERY CHARGER WITH PPM AND 2.4A BOOST
MP2637 Rev. 1.04
www.MonolithicPower.com
12
8/3/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
For Charge Mode:
VIN = 5V, ICHG = 2.5A, LIN_LIM = 2.7A, ISYS = 0A
For Boost Mode:
VBATT = 3.7V, VSYS_SET = 5V, IOLIM = 2.1A
CIN = CBATT = CSYS = C2 = 22µF, L1 = 2.2µH, RS1 = 20mΩ, C4 = CTMR = 0.1µF, Battery Simulator,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com