Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2681 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2681
Description  CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2681 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2681 Datasheet HTML 8Page - Monolithic Power Systems MP2681 Datasheet HTML 9Page - Monolithic Power Systems MP2681 Datasheet HTML 10Page - Monolithic Power Systems MP2681 Datasheet HTML 11Page - Monolithic Power Systems MP2681 Datasheet HTML 12Page - Monolithic Power Systems MP2681 Datasheet HTML 13Page - Monolithic Power Systems MP2681 Datasheet HTML 14Page - Monolithic Power Systems MP2681 Datasheet HTML 15Page - Monolithic Power Systems MP2681 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP2681 – CC/CV CONTROLLER WITH FULL PROTECTION
MP2681 Rev.1.01
www.MonolithicPower.com
12
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
FIGURE 4 — TYPICAL CHARGE PROFILE
Charge Termination
The charge cycle is considered complete when
the charge current reaches the programmed
termination current threshold IB. Please refer to
Fig 4 for a complete view of the charging cycle
and LED’s operation.
Automatic Recharge
The
MP2681
allows
the
battery
to
be
automatically recharged when the battery voltage
drops below the auto-recharge threshold of
3.95V/cell. The MP2681 will automatically reset
the reference voltage to the normal charging
value and turn on the CCON driver to restart the
charge cycle until the IBF condition is met again.
LDO Output
The MP2681 implements a 5V LDO which
provides a pull up voltage for the NTC, ID resistor
and FLT detection. It supplies up to 20mA current.
When VDD is higher than 5V, the LDO output is
regulated at 5V, while if the VDD input voltage is
lower than 5V, the FET is fully on and LDO
output nearly equals to the input voltage VDD.
Timer Operation
The MP2681 provides a safety timer in case of a
defective battery pack.
During pre-charge mode the charge timer is fixed
with a set capacity based on the battery
specifications. During CC and CV charge mode
the timer duration is proportional to the charge
rate. The timer will start counting after every time
the charger process starts such as initial power-
up or automatic recharge. The timer will limit pre-
charge time to T1 oscillating cycles on the TMR
pin. If the charger stays in pre-charge mode for
longer than T1 cycles, the MP2681 will terminate
the charging operation by disconnecting the
battery from the charger. The output voltage is
regulated to the default value. The timer fault
indication will also be set by flashing LEDR and
keeping LEDG low. After a fault reporting
condition, the charger can be re-initiated only by
recycling the power supply. The timer limit in the
pre-charge mode is fixed and it will not change
when the IC is set to slow charge or fast charge
mode via the CR pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com