Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2681 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2681
Description  CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2681 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2681 Datasheet HTML 9Page - Monolithic Power Systems MP2681 Datasheet HTML 10Page - Monolithic Power Systems MP2681 Datasheet HTML 11Page - Monolithic Power Systems MP2681 Datasheet HTML 12Page - Monolithic Power Systems MP2681 Datasheet HTML 13Page - Monolithic Power Systems MP2681 Datasheet HTML 14Page - Monolithic Power Systems MP2681 Datasheet HTML 15Page - Monolithic Power Systems MP2681 Datasheet HTML 16Page - Monolithic Power Systems MP2681 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP2681 – CC/CV CONTROLLER WITH FULL PROTECTION
MP2681 Rev.1.01
www.MonolithicPower.com
13
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
If the charger successfully goes through pre-
charge within the allowed time limit, it will start
CC charge and then CV charge. If the total
charge time exceeds T2 cycles and the battery
full has not been reached, the MP2681 will
terminate the charger and the CCON output will
be pulled high to turn off the switch and stop
charge. The timer out fault indication will also be
set: flashes LEDR and LEDG low. This function
prevents charging a dead battery for prolonged
duration. Table 2 shows the Timer for pre-charge
and total charge duration limit.
Table 2— Timer Cycles
Spec
T1
T2
Fast:115200
3S1P, 4S1P, 5S1P
57600
Slow:460800
Fast:172800
3S2P,4S2P,5S2P
86400
Slow:691200
The TMR pin is used to set the internal oscillator
frequency. The timer function can be disabled by
shorting TMR pin to ground although this is not
recommended.
The Timer frequency according to the TMR
capacitor is as below:
T(s)= 0.6×C(uF)
Smart Negative Temperature Coefficient
(NTC) Protection
The MP2681 continuously monitors the battery
temperature by measuring the voltage on the
NTC pin, which is generated by a negative
temperature coefficient (NTC) thermistor and an
external voltage divider. The controller compares
this voltage against its internal thresholds to
determine if the charging is allowed. As Figure 5
shows, to initiate a charge cycle, the voltage on
NTC pin must be within the VT1 to VT4 thresholds.
If the VNTC is outside of this range the controller
suspends charge and waits until the battery
temperature is back within VT1 to VT4 range again.
During VT2 and VT3 range, the charge current is
usually set at 2C rating corresponding to ICHG set
by the user. If the NTC pin voltage is between VT1
and VT2 the MP2681 will decrease the charge
current to ICHG/4. When the IC is in pre-charge or
slow charge mode, the charge current is set to
low and the NTC will not have any effect on the
charge current. Figure 5 shows the charge
current setting by the NTC window control.
Figure 5 — NTC control window
CCON
The CCON is a driver output pin used to turn
on/off the external MOSFET to connect or cutoff
the charge path according to the charge
condition. If the MP2681 is under normal charge
operation, the CCON is pulled low, else if a fault
happens, CCON is pulled high to cutoff the
charge path.
Status indication
The MP2681 integrates two driver outputs, LEDG
and LEDR. Connecting a bi-color back-to-back
LED between these two pins can output varieties
of indication states to help distinguish each
operation, including: charging, charge termination,
NTC fault, timer out, ID open, ID out pf range, ID
short and power line fault.
Table 3 below summarizes the status of the two
indication LEDs under the different charge state
based on the LEDR and LEDG outputs as Figure
6 shown.
Table 3- LED Indicator Table
Condition
Red
LED
Green
LED
CCON
Charging
OFF
Flash
Low
Charging
Finish/ID
short
OFF
ON
High
NTC Fault
Flash
OFF
High
Timer Fault/ID open/
ID out of range
Flash
OFF
High
Power Line Fault
Flash
OFF
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com