Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2681GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2681GS
Description  CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2681GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2681GS Datasheet HTML 1Page - Monolithic Power Systems MP2681GS Datasheet HTML 2Page - Monolithic Power Systems MP2681GS Datasheet HTML 3Page - Monolithic Power Systems MP2681GS Datasheet HTML 4Page - Monolithic Power Systems MP2681GS Datasheet HTML 5Page - Monolithic Power Systems MP2681GS Datasheet HTML 6Page - Monolithic Power Systems MP2681GS Datasheet HTML 7Page - Monolithic Power Systems MP2681GS Datasheet HTML 8Page - Monolithic Power Systems MP2681GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP2681
CC/CV Controller
with Full Protection and Indication
One Chip Solution for Power Tools Applications
MP2681 Rev.1.01
www.MonolithicPower.com
1
12/25/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2681 is a highly integrated Li-Ion or Li-
polymer switch mode battery charge controller
with full protection and status indication. This
part integrates a precision voltage reference
and charge status indications suitable for AC
adapter input and cradle charger applications.
The MP2681 automatically detects the battery
cell through a battery ID resistor and regulates
the
battery
voltage
according
to
the
corresponding cell configurations: 3S1P, 3S2P,
4S1P, 4S2P, 5S1P and 5S2P. Then, the AC
adapter output is automatically regulated
according to the battery configuration chosen.
Additionally, if the battery pack does not have
an ID resistor, the charge termination voltage
can be configured by setting a dedicated
voltage to the ID pin according to the six pre-set
VID
values
representing
each
battery
configuration. The MP2681 charges the battery
in three phases: pre-charge, constant current
and constant voltage. Charge is terminated
when the current reaches a minimum set level.
An internal charge timer provides safety backup.
The MP2681 provides a fixed pre-charge mode
for deeply-discharged batteries and safety
features that include battery temperature
monitoring, NTC control, charge time-out and
fault control.
MP2681 is available in a 16-pin SOIC package.
FEATURES
• Constant Voltage and Constant Current
Control
• Pre-Charge Mode for Deeply-discharged
Battery
• Automatic Battery Cell Detection
• Two 1MHz Bandwidth Operational
Amplifiers Output Connected with OR Logic
• Wide Input Voltage Range: 4.5V to 30V
• Auto-Recharge
• Charge On/Off Control
• Programmable Internal Timer
• Battery Temperature Monitoring
• Charge Status Indication
• Power Line Fault Detection
• Over Temperature Protection
• 16-pin SOIC Package
APPLICATIONS
• Battery Charger for Portable Tools
• Standalone Fast Charger
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2681GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2681B MPS-MP2681B Datasheet
724Kb / 23P
CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
MP2681BGS MPS-MP2681BGS Datasheet
724Kb / 23P
CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
More results

Similar Description - MP2681GS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
NCP4328 ONSEMI-NCP4328_15 Datasheet
96Kb / 10P
Secondary Side CV/CC Controller
July, 2015 ??Rev. 2
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
First all-in-one full NFC controller solution
2016
logo
Monolithic Power System...
MP2681B MPS-MP2681B Datasheet
724Kb / 23P
CC/CV Controller with Full Protection and Indication One Chip Solution for Power Tools Applications
MP26085 MPS-MP26085 Datasheet
729Kb / 13P
CC/CV Controller
logo
SIFIRST TECHNOLOGIES NA...
SF6761S SIFIRST-SF6761S Datasheet
149Kb / 2P
super-QR/PSRTM CV/CC Controller
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
40V Synchronous Buck Controller with 2ch CC/CV
logo
STMicroelectronics
STUSB4761 STMICROELECTRONICS-STUSB4761 Datasheet
2Mb / 29P
Standalone USB PD controller with integrated CC/CV for AC/DC applications
08-Sep-2021
logo
Major-Power Technology ...
MA5820 MPOWER-MA5820 Datasheet
162Kb / 2P
58V Asynchronous Buck Controller With CC/CV
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com