Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2690 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2690
Description  All-in-One, 2.5A Battery Charger with 2.1A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2690 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2690 Datasheet HTML 1Page - Monolithic Power Systems MP2690 Datasheet HTML 2Page - Monolithic Power Systems MP2690 Datasheet HTML 3Page - Monolithic Power Systems MP2690 Datasheet HTML 4Page - Monolithic Power Systems MP2690 Datasheet HTML 5Page - Monolithic Power Systems MP2690 Datasheet HTML 6Page - Monolithic Power Systems MP2690 Datasheet HTML 7Page - Monolithic Power Systems MP2690 Datasheet HTML 8Page - Monolithic Power Systems MP2690 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
MP2690
– ALL-IN-ONE, 2.5A SW CHARGER, 2.1A BOOST
MP2690 Rev.1.0
www.MonolithicPower.com
2
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION
VIN
VCC
SW
BATT
VB
DP1
SYS
Battery
LED1
CIN
CBATT
C4
TMR
NTC
PGND
MP2690
ILIM
VBATT
DM1
VNTC
CSP
RS1
CTMR
RILIM
5V Input
AGND
L1
CSYS
C2
ICHG
IBATT
VCC
Q1
Q2
Q3
Q4
LED2
LED3
LED4
ISET
RISET
TC
VBATT
OLIM
ROLIM
PB
DM2
DP2
VNTC
USB OUTPUT
USB INPUT
Table 1: Operation Mode Control
VIN (V)
PB
Operation
Mode
Q1, Q2
Q3
Q4
VBATT + 300mV < VIN < 6V
X
Charging
On
SW
SW
VIN < VBATT + 300mV
From H to L
for >1.5ms
Discharging
(boost)
Off
SW
SW
VIN > 6V
X
OVP
Off
Off
Off
VIN < 2V
H or L
Sleep
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com