Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2690 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2690
Description  All-in-One, 2.5A Battery Charger with 2.1A Boost Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2690 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2690 Datasheet HTML 1Page - Monolithic Power Systems MP2690 Datasheet HTML 2Page - Monolithic Power Systems MP2690 Datasheet HTML 3Page - Monolithic Power Systems MP2690 Datasheet HTML 4Page - Monolithic Power Systems MP2690 Datasheet HTML 5Page - Monolithic Power Systems MP2690 Datasheet HTML 6Page - Monolithic Power Systems MP2690 Datasheet HTML 7Page - Monolithic Power Systems MP2690 Datasheet HTML 8Page - Monolithic Power Systems MP2690 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
MP2690
– ALL-IN-ONE, 2.5A SW CHARGER, 2.1A BOOST
MP2690 Rev.1.0
www.MonolithicPower.com
4
6/24/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM
RATINGS
(1)
VIN to PGND ............................... -0.3V to +14V
SYS to PGND ............................. -0.3V to +6.5V
SW to PGND ........-0.3V (-2V for 20ns) to +6.5V
BATT to P
GND………………. ..... -0.3V to +6.5V
All other pins to AGND................ -0.3V to +6.5V
Continuous power dissipation
(TA = +25°C)
(2)
................................................................2.84W
Junction
temperature………………………150°C
Lead temperature (solder)
……………… .. 260°C
Storage temperature
……… ..... -65°C to +150°C
Recommended Operating Conditions
(3)
Supply voltage (VIN) ...................... 4.65V to +6V
IIN ...................................................... Up to 2.7A
ISYS.................................................... Up to 2.1A
ICHG ................................................... Up to 2.5A
VBATT ............................................... Up to 4.45V
Operating junction temp. (TJ) ... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN-26 (4mmx4mm)..............44 ........ 9 .... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com