Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6504GV Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6504GV
Description  8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6504GV Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6504GV Datasheet HTML 5Page - Monolithic Power Systems MP6504GV Datasheet HTML 6Page - Monolithic Power Systems MP6504GV Datasheet HTML 7Page - Monolithic Power Systems MP6504GV Datasheet HTML 8Page - Monolithic Power Systems MP6504GV Datasheet HTML 9Page - Monolithic Power Systems MP6504GV Datasheet HTML 10Page - Monolithic Power Systems MP6504GV Datasheet HTML 11Page - Monolithic Power Systems MP6504GV Datasheet HTML 12Page - Monolithic Power Systems MP6504GV Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MP6504
– 32V, 2A, MICROSTEPPING MOTOR DRIVER W/ INTEGRATED MOSFETS
MP6504 Rev. 1.0
www.MonolithicPower.com
9
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Gate
Driver
Gate
Driver
Control
Logic
Reference
Regulator
Motor
Charge
Pump
CPA
CPB
VCP
VIN
AOUT1
AOUT2
BOUT1
BOUT2
ROSC
VREF
STEP
DIR
MS1
MS2
nENBL
nSLEEP
3P3VOUT
µC
VIN
3.3V
VIN
SENA
MP6504
SENB
Int
Vcc
VIN
nRSET
nHOME
nFAULT
OCP
OCP
OCP
MDS
PWM
Timer
Blanking
Time
Mixed
Decay
DAC
VREF
DAC
UVLO&
OVP
Rt
RSENSE
VG
LS Gate
Drive
100nF
1µF
0.47µF
OCP
1/5
1/5
GND
RSENSE
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com