Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6504GV Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6504GV
Description  8V to 32V, 2A, Stepper Motor Driver with Integrated MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6504GV Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6504GV Datasheet HTML 1Page - Monolithic Power Systems MP6504GV Datasheet HTML 2Page - Monolithic Power Systems MP6504GV Datasheet HTML 3Page - Monolithic Power Systems MP6504GV Datasheet HTML 4Page - Monolithic Power Systems MP6504GV Datasheet HTML 5Page - Monolithic Power Systems MP6504GV Datasheet HTML 6Page - Monolithic Power Systems MP6504GV Datasheet HTML 7Page - Monolithic Power Systems MP6504GV Datasheet HTML 8Page - Monolithic Power Systems MP6504GV Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP6504
8V to 32V, 2A, Stepper Motor Driver
with Integrated MOSFETs
MP6504 Rev. 1.0
www.MonolithicPower.com
1
5/17/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP6504 is a stepper motor driver with a
built-in microstepping translator. The MP6504
operates from a supply voltage of up to 32V
and can deliver a motor current of up to 2A. The
MP6504 can operate a bipolar stepper motor in
full-, half-, quarter-, and eighth-step modes.
The MP6504 has a fixed 3.3V reference output,
which allows it to operate without a separate
logic power supply.
Full protection features include over-current
protection (OCP), input over-voltage protection
(OVP), under-voltage lockout (UVLO), and
thermal shutdown.
The
MP6504
is
available
in
a
QFN-28
(4mmx5mm) package with an exposed thermal
pad.
FEATURES
 Wide 8V to 32V Input Voltage Range
 Two Internal Full-Bridge Drivers
 Low On Resistance (HS: 220mΩ; LS:
220m
Ω)
 No Control Power Supply Required
 Simple Logic Interface
 Compatible with 3.3V and 5V Logic
 Full-, Half-, Quarter-, and Eighth-Step
Functionality
 2A Maximum Output Current
 Adjustable Mixed Decay Ratio
 Over-Current Protection (OCP)
 Input
Over-Voltage
Protection
(OVP)
Function
 Thermal Shutdown and Under-Voltage
Lockout (UVLO) Protection
 Fault Indication Output
 Available
in
a
QFN-28
(4mmx5mm)
Package
APPLICATIONS
 Bipolar Stepper Motors
 Printers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Motor
CPA
CPB
VCP
VIN
AOUT1
AOUT2
BOUT1
BOUT2
ROSC
VREF
MDS
STEP
DIR
MS1
MS2
nENBL
nSLEEP
3P3VOUT
nFAULT
nHOME
µC
SENA
3.3V
VIN
MP6504
SENB
nRSET
0.47µF
200kΩ
VG
1µF
1µF
100nF
SENA
SENB
Exposed
GND Pad
GND


Similar Part No. - MP6504GV

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MP650 MEANWELL-MP650 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
logo
Monolithic Power System...
MP6500 MPS-MP6500 Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GF MPS-MP6500GF Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GU MPS-MP6500GU Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GU MPS-MP6500GU Datasheet
402Kb / 5P
2.5A, 35V, Bipolar Stepper Motor Driver Evaluation Board
7/16/2020 Rev. 1.1
More results

Similar Description - MP6504GV

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
Integrated Circuit Stepper Motor Driver
NTE7082 NTE-NTE7082 Datasheet
21Kb / 3P
Integrated Circuit Stepper Motor Driver
logo
STMicroelectronics
L6208 STMICROELECTRONICS-L6208 Datasheet
453Kb / 27P
FULLY INTEGRATED STEPPER MOTOR DRIVER
Sep-2003
logo
Monolithic Power System...
MP6501A MPS-MP6501A Datasheet
2Mb / 17P
8V to 35V, 2.5A Stepper Motor Driver with Integrated MOSFETs
MP6506 MPS-MP6506 Datasheet
432Kb / 13P
2.7V-to-15V, 500mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6507 MPS-MP6507 Datasheet
551Kb / 18P
2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
MP6508 MPS-MP6508 Datasheet
1Mb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6509 MPS-MP6509 Datasheet
575Kb / 15P
2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
MP6518 MPS-MP6518 Datasheet
1Mb / 16P
35V, 1.5A Stepper Motor Driver with Integrated MOSFETs
MP6520 MPS-MP6520 Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com