Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2103 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP2103
Description  60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2103 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP2103 Datasheet HTML 1Page - Renesas Technology Corp HIP2103 Datasheet HTML 2Page - Renesas Technology Corp HIP2103 Datasheet HTML 3Page - Renesas Technology Corp HIP2103 Datasheet HTML 4Page - Renesas Technology Corp HIP2103 Datasheet HTML 5Page - Renesas Technology Corp HIP2103 Datasheet HTML 6Page - Renesas Technology Corp HIP2103 Datasheet HTML 7Page - Renesas Technology Corp HIP2103 Datasheet HTML 8Page - Renesas Technology Corp HIP2103 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FN8276 Rev 0.00
Page 1 of 21
November 27, 2013
FN8276
Rev 0.00
November 27, 2013
HIP2103, HIP2104
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
DATASHEET
The HIP2103 and HIP2104 are half bridge drivers designed for
applications using DC motors, three-phase brushless DC
motors, or other similar loads.
Two inputs (HI and LI) are provided to independently control
the high side driver (HO) and the low side driver (LO).
Furthermore, the two inputs can be configured to
enable/disable the device, thus lowering the number of
connections to a microcontroller and lowering costs.
The very low IDD bias current in the Sleep Mode prevents
battery drain when the device is not in use, thus eliminating
the need for an external switch to disconnect the driver from
the battery.
A fail-safe mechanism is included to improve system reliability
and to minimize the possibility of catastrophic bridge failures
due to controller malfunction. Internal logic prevents both
outputs from turning on simultaneously when HI and LI are
both high simultaneously. Dead-time is still required on the
rising edge of the HI (or LI) input when the LI (or HI) input
transitions low.
Integrated pull-down resistors on all of the inputs (LI, HI, VDen
and VCen) reduces the need for external resistors. An active
low resistance pull-down on the LO output ensures that the low
side bridge FET remains off during the Sleep Mode or when
VDD is below the undervoltage lockout (UVLO) threshold.
The HIP2104 has a 12V linear regulator and a 3.3V linear
regulator with separate enable pins. The 12V regulator
provides internal bias for VDD and the 3.3V regulator provides
bias for an external microcontroller (and/or other low voltage
ICs), thus eliminating the need for discrete LDOs or DC/DC
converters.
The HIP2103 is available in a 3x3mm, 8 Ld TDFN package and
the HIP2104 is available in a 4x4mm, 12 Ld DFN package.
Features
• 60V maximum bootstrap supply voltage
• 3.3V and 12V LDOs with dedicated enable pins (HIP2104)
• 5µA sleep mode quiescent current
• 4V undervoltage lockout
• 3.3V or 5V CMOS compatible inputs with hysteresis
• Integrated bootstrap FET (replaces traditional boot strap diode)
Applications
• Half bridge, full bridge and BLDC motor drives
(see Figures 21, 22, 23)
•UPS and inverters
• Class-D amplifiers
• Any switch mode power circuit requiring a half bridge driver
Related Literature
• AN1896 “HIP2103, HIP2104 Evaluation Board User’s Guide”
• AN1899 “HIP2103, HIP2104 3-phase, Full or Half Bridge
Motor Drive User’s Guide”
FIGURE 1. TYPICAL FULL BRIDGE APPLICATION
FIGURE 2. HIP2104 SHUTDOWN CURRENT vs VBAT
µController
HIP2104
VBAT
VCen
VCC
VDD
HI
LI
EPAD
LO
HS
HO
HB
VDen
VSS
DC
MOTOR
VBAT
VBAT
HI
LI
LO
HS
HO
HB
VSS
HIP2103
EPAD
VDD
VDD
3.5
4.0
4.5
5.0
5.5
2.0
2.5
3.0
10
20
30
40
50
VBAT (VDC)


Similar Part No. - HIP2103

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2103 INTERSIL-HIP2103 Datasheet
504Kb / 21P
60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
November 27, 2013
HIP2103 INTERSIL-HIP2103 Datasheet
495Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
529Kb / 31P
60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
Feb 25, 2021
logo
Intersil Corporation
HIP2103-4DEMO1Z INTERSIL-HIP2103-4DEMO1Z Datasheet
504Kb / 21P
60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
November 27, 2013
HIP2103-4DEMO1Z INTERSIL-HIP2103-4DEMO1Z Datasheet
495Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
More results

Similar Description - HIP2103

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
2A, HALF-BRIDGE DRIVER
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
logo
IXYS Corporation
IX2R11 IXYS-IX2R11 Datasheet
616Kb / 6P
2A Half-Bridge Driver
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
LM5109A High Voltage 1A Peak Half Bridge Gate Driver
logo
Intersil Corporation
HIP2103 INTERSIL-HIP2103 Datasheet
504Kb / 21P
60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
November 27, 2013
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com