Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2103 Datasheet (PDF) - Renesas Technology Corp

HIP2103 Datasheet PDF - Renesas Technology Corp
Part # HIP2103
Download  HIP2103 Download
File Size   529.07 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO

HIP2103 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP2103 Datasheet PDF - Renesas Technology Corp

Part # HIP2103
Download  HIP2103 Click to download

File Size   529.07 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO

HIP2103 Datasheet (HTML) - Renesas Technology Corp


HIP2103 Product details

• 60V maximum bootstrap supply voltage
• 3.3V and 12V LDOs with dedicated enable pins
(HIP2104)
• 5µA sleep mode quiescent current
• VDD undervoltage lockout
• 3.3V or 5V CMOS compatible inputs with hysteresis
• Integrated bootstrap FET (replaces traditional boot
strap diode)
• HIP2103 is available in 8 Ld SOIC and 3x3mm
TDFN packages
• HIP2104 is available in a 4x4mm, 12 Ld DFN
package
• Pb-Free (RoHS Compliant)




Similar Part No. - HIP2103

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2103 INTERSIL-HIP2103 Datasheet
504Kb / 21P
60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
November 27, 2013
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Intersil Corporation
HIP2103 INTERSIL-HIP2103 Datasheet
495Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
HIP2103-4DEMO1Z INTERSIL-HIP2103-4DEMO1Z Datasheet
504Kb / 21P
60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
November 27, 2013
HIP2103-4DEMO1Z INTERSIL-HIP2103-4DEMO1Z Datasheet
495Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
More results


Similar Description - HIP2103

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1635 MICROSEMI-SG1635 Datasheet
49Kb / 5P
2A, HALF-BRIDGE DRIVER
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
100V / 1A Peak Half Bridge Gate Driver
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
LM5109A High Voltage 1A Peak Half Bridge Gate Driver
logo
Intersil Corporation
HIP2103 INTERSIL-HIP2103 Datasheet
504Kb / 21P
60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
November 27, 2013
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
High Voltage 1A Peak Half Bridge Gate Driver
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
100V/1A Peak Half Bridge Gate Driver
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com