Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2103 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HIP2103
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2103 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HIP2103 Datasheet HTML 5Page - Renesas Technology Corp HIP2103 Datasheet HTML 6Page - Renesas Technology Corp HIP2103 Datasheet HTML 7Page - Renesas Technology Corp HIP2103 Datasheet HTML 8Page - Renesas Technology Corp HIP2103 Datasheet HTML 9Page - Renesas Technology Corp HIP2103 Datasheet HTML 10Page - Renesas Technology Corp HIP2103 Datasheet HTML 11Page - Renesas Technology Corp HIP2103 Datasheet HTML 12Page - Renesas Technology Corp HIP2103 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
HIP2103, HIP2104
3. Specifications
FN8276 Rev.2.0
Page 9 of 30
Feb 25, 2021
3.3
Recommended Operating Conditions
3.4
DC Electrical Specifications
Parameter
Minimum
Maximum
Unit
Max Power Dissipation at +25°C in Free Air
8 Ld DFN Package
2.2
W
12 Ld TDFN Package
2.3
W
8 Ld SOIC Package
0.95
W
Max Power Dissipation at +25°C on Copper Plane
8 Ld DFN Package
14.3
W
12 Ld TDFN Package
14.3
W
Storage Temperature Range
-65
+150
°C
Maximum Operating Junction Temperature Range
-40
+150
Nominal Over-Temperature Shutdown
+155
°C
Over Temperature Shut-down Range
+145
+165
°C
Pb-Free Reflow Profile
see TB493
Parameter (Note 5)
Minimum
Maximum
Unit
Junction Temperature
-40
+125
°C
Supply Voltage, VBAT (HIP2104 only) (Note 13)5.0
50
V
Supply Voltage, VDD
4.5
14
V
High Side Bias Voltage (VHB - VHS) (Note 12)-0.3
14
V
Voltage on HS, Transient, VHS (Notes 11, 12)
-10
50
V
Voltage on HB
VHS - 0.3V
60
V
Voltage on HS, Continuous
40
V
Logic Inputs VCen, VDen (HIP2104 only)
0
VBAT
V
Output Voltage (LO)
GND
VDD
V
Output Voltage (HO)
VHS
VHB
V
Average Output Current in HO and LO (Note 6)
0
150
mA
VDD = VHB = 12V (for HIP2103), VSS = VHS = 0V, VBAT = 18V (for HIP2104), LI = HI = 0V. No load on HO and LO unless otherwise specified.
Boldface limits apply across the operating junction temperature range, -40°C to +125°C.
Parameters
Symbol
Test Conditions
TJ = +25°C
TJ = -40°C to +125°C
Unit
Min
Typ
Max
Min
(Note 14)
Max
(Note 14)
Linear Bias Supplies (HIP2104 Only)
VDD Output Voltage Over Rated Line,
Load, and Temperature
VDD12 Nominal VDD = 12V
-2.5
+2.1
+4.8
-5
+5
%
VDD Output Current Limit (Brick Wall)
IDD12
83
151
237
80
245
mA
VDD Drop Output Voltage (Figure 10)
VDdout Load = 75mA
0.06
0.7
V
VCC Output Voltage Over Rated Line,
Load, and Temperature
VCC3.3 Nominal VCC = 3.3V
-3.9
+1.8
+4.3
-5
+5
%
VCC Output Current Limit (Brick Wall)
ICC
83
149
237
80
245
mA
VCC Drop Output Voltage (Figure 11)
VCdout Load = 75mA
0.5
0.9
V
Bias Currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com