Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2103 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP2103
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2103 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP2103 Datasheet HTML 1Page - Renesas Technology Corp HIP2103 Datasheet HTML 2Page - Renesas Technology Corp HIP2103 Datasheet HTML 3Page - Renesas Technology Corp HIP2103 Datasheet HTML 4Page - Renesas Technology Corp HIP2103 Datasheet HTML 5Page - Renesas Technology Corp HIP2103 Datasheet HTML 6Page - Renesas Technology Corp HIP2103 Datasheet HTML 7Page - Renesas Technology Corp HIP2103 Datasheet HTML 8Page - Renesas Technology Corp HIP2103 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
HIP2103, HIP2104
1. Overview
FN8276 Rev.2.0
Page 5 of 30
Feb 25, 2021
1.2
Block Diagram
3.3V LDO
1ms
Delay
155C
OTP
12V LDO
1ms
Delay
VDen
VDD
VCen
VDD UVLO
20µs
Delay
20µs
Delay
VDD
HB
Level Shift
Boot UVLO
R
S
Q
HO
LO
HS
VSS
VDD
HI
LI
100K
100
100k
VCC
VBAT
Input Lockout
Logic Prevents
Shoot-Through
when LI and HI
are Both High
Active pull-down
keeps bridge FET
off during VDD
UVLO, OTP, or
sleep
HIP2104
HIP2103
2M
100k
100k
Boot FET
EPAD
Sleep
Mode
See Figures 6 and 7 for
Sleep Mode Timing Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com