Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2121 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP2121
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2121 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP2121 Datasheet HTML 1Page - Renesas Technology Corp HIP2121 Datasheet HTML 2Page - Renesas Technology Corp HIP2121 Datasheet HTML 3Page - Renesas Technology Corp HIP2121 Datasheet HTML 4Page - Renesas Technology Corp HIP2121 Datasheet HTML 5Page - Renesas Technology Corp HIP2121 Datasheet HTML 6Page - Renesas Technology Corp HIP2121 Datasheet HTML 7Page - Renesas Technology Corp HIP2121 Datasheet HTML 8Page - Renesas Technology Corp HIP2121 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HIP2120, HIP2121
FN7668 Rev 0.00
Page 5 of 16
December 23, 2011
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD, VHB - VHS (Notes 5, 6) . . . . . . . . . . . . . . . -0.3V to 18V
PWM and EN Input Voltage (Note 6) . . . . . . . . . . . . . . .-0.3V to VDD + 0.3V
Voltage on LO (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to VDD + 0.3V
Voltage on HO (Note 6) . . . . . . . . . . . . . . . . . . . . . VHS - 0.3V to VHB + 0.3V
Voltage on HS (Continuous) (Note 6) . . . . . . . . . . . . . . . . . . . . . -1V to 110V
Voltage on HB (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118V
Average Current in VDD to HB Diode . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Maximum Recommended Operating
Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V to 14V
Voltage on HS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1V to 100V
Voltage on HS . . . . . . . . . . . . . . . . . . . . . .(Repetitive Transient) -5V to 105V
Voltage on HB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VHS + 8V to VHS + 14V and
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDD - 1V to VDD + 100V
HS Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <50V/ns
Thermal Resistance (Typical)
JA (°C/W)
JC (°C/W)
10 Ld TDFN (Notes 7, 8) . . . . . . . . . . . . . . .
42
4
9 Ld TDFN (Notes 7, 8) . . . . . . . . . . . . . . . .
42
4
Max Power Dissipation at +25°C in Free Air
10 Ld TDFN (Notes 7, 8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0W
9 Ld TDFN (Notes 7, 8). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.1W
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
ESD Ratings
Human Body Model Class 2 (Tested per JESD22-A114E). . . . . . . . . . 3000V
Machine Model Class B (Tested per JESD22-A115-A). . . . . . . . . . . . . . 300V
Charged Device Model Class IV. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5. The HIP2120 and HIP2121 are capable of derated operation at supply voltages exceeding 14V. Figure 20 shows the high-side voltage derating curve
for this mode of operation.
6. All voltages referenced to VSS unless otherwise specified.
7.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
8. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications VDD = VHB = 12V, VSS = VHS = 0V, RDT = 0K, PWM = 0V, No Load on LO or HO, Unless Otherwise Specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETERS
SYMBOL
TEST CONDITIONS
TA = +25°C
TA = -40°C to +125°C
UNITS
MIN
TYP
MAX MIN (Note 9) MAX (Note 9)
SUPPLY CURRENTS
VDD Quiescent Current
IDD80
RDT = 80k
-
470
850
-
900
µA
IDD8k
RDT = 8k
-
1.0
2.1
-
2.2
mA
VDD Operating Current
IDDO80k
f = 500kHz, RDT = 80k
-
2.5
3
-
3
mA
IDDO8k
f = 500kHz, RDT = 8k
-
3.4
4
-
4
mA
Total HB Quiescent Current
IHB
LI = HI = 0V
-
65
115
-
150
µA
Total HB Operating Current
IHBO
f = 500kHz
-
2.0
2.5
-
3
mA
HB to VSS Current, Quiescent
IHBS
LI = HI = 0V; VHB = VHS = 114V
-
0.05
1.5
-
10
µA
HB to VSS Current, Operating
IHBSO
f = 500kHz; VHB = VHS = 114V
-
1.2
1.5
-
1.6
mA
INPUT PINS
Low Level Input Voltage
Threshold
VIL
HIP2120 (CMOS)
3.7
4.4
-
2.7
-
V
Low Level Input Voltage
Threshold
VIL
HIP2121 (3.3V/TTL)
1.4
1.8
-
1.2
-
V
High Level Input Voltage
Threshold
VIH
HIP2120 (CMOS)
-
6.54
7.93
5.3
8.2
V
High Level Input Voltage
Threshold
VIH
HIP2121 ((3.3V/TTL)
-
1.8
2.2
-2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com