Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2121 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP2121
Description  100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2121 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP2121 Datasheet HTML 6Page - Renesas Technology Corp HIP2121 Datasheet HTML 7Page - Renesas Technology Corp HIP2121 Datasheet HTML 8Page - Renesas Technology Corp HIP2121 Datasheet HTML 9Page - Renesas Technology Corp HIP2121 Datasheet HTML 10Page - Renesas Technology Corp HIP2121 Datasheet HTML 11Page - Renesas Technology Corp HIP2121 Datasheet HTML 12Page - Renesas Technology Corp HIP2121 Datasheet HTML 13Page - Renesas Technology Corp HIP2121 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
HIP2120, HIP2121
FN7668 Rev 0.00
Page 10 of 16
December 23, 2011
FIGURE 15. PEAK PULL-UP CURRENT vs OUTPUT VOLTAGE
FIGURE 16. PEAK PULL-DOWN CURRENT vs OUTPUT VOLTAGE
FIGURE 17. HIP2120 QUIESCENT CURRENT vs VOLTAGE
FIGURE 18. HIP2121 QUIESCENT CURRENT vs VOLTAGE
FIGURE 19. BOOTSTRAP DIODE I-V CHARACTERISTICS
FIGURE 20. VHS VOLTAGE vs VDD VOLTAGE
Typical Performance Curves (Continued)
0
4
8
10
12
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VLO, VHO (V)
26
04
8
10
12
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VLO, VHO (V)
26
1.0
0.5
0
5
10
15
20
0
10
20
30
40
50
60
70
80
90
100
110
120
VDD, VHB (V)
IHB
IDD
0
5
10
15
20
VDD, VHB (V)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
IDD
IHB
0.3
0.4
0.5
0.6
0.7
0.8
1.10-3
0.01
0.10
1.00
FORWARD VOLTAGE (V)
1.10-4
1.10-5
1.10-6
12
13
14
15
16
0
20
40
60
80
100
120
VHS TO VSS VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com