Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN14828 Datasheet(PDF) 7 Page - Ledil, Inc.

Part # FN14828
Description  ~60째 medium beam
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN14828 Datasheet(HTML) 7 Page - Ledil, Inc.

Back Button FN14828 Datasheet HTML 3Page - Ledil, Inc. FN14828 Datasheet HTML 4Page - Ledil, Inc. FN14828 Datasheet HTML 5Page - Ledil, Inc. FN14828 Datasheet HTML 6Page - Ledil, Inc. FN14828 Datasheet HTML 7Page - Ledil, Inc. FN14828 Datasheet HTML 8Page - Ledil, Inc. FN14828 Datasheet HTML 9Page - Ledil, Inc. FN14828 Datasheet HTML 10Page - Ledil, Inc. FN14828 Datasheet HTML 11Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PRODUCT
DATASHEET
FN14828_OLIVIA-M
PHOTOMETRIC DATA (MEASURED):
LED
COB D Series LES 14.5 mm
FWHM
55.0°
Efficiency
76 %
Peak intensity
0.750 cd/lm
Required components:
A.A.G. STUCCHI: 8101/G2
LED
COB D Series LES 9.8 mm
FWHM
57.0°
Efficiency
77 %
Peak intensity
0.820 cd/lm
Required components:
A.A.G. STUCCHI: 8100/G2
LED
COB D Series LES 9.8 mm
FWHM
57.0°
Efficiency
77 %
Peak intensity
0.820 cd/lm
Required components:
BJB: 47.319.6060
LED
Mini Zenigata (GW6BM)
FWHM
57.0°
Efficiency
77 %
Peak intensity
0.880 cd/lm
Required components:
BJB: 47.319.6180
Last update: 08/06/2018
Subject to change without prior notice
7/11
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com