Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN14828 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN14828
Description  ~60째 medium beam
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN14828 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN14828 Datasheet HTML 1Page - Ledil, Inc. FN14828 Datasheet HTML 2Page - Ledil, Inc. FN14828 Datasheet HTML 3Page - Ledil, Inc. FN14828 Datasheet HTML 4Page - Ledil, Inc. FN14828 Datasheet HTML 5Page - Ledil, Inc. FN14828 Datasheet HTML 6Page - Ledil, Inc. FN14828 Datasheet HTML 7Page - Ledil, Inc. FN14828 Datasheet HTML 8Page - Ledil, Inc. FN14828 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT
DATASHEET
FN14828_OLIVIA-M
OLIVIA-M
~60° medium beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 70 mm
Height
22.6 mm
Fastening
screw
Colour
clear
Box size
Box weight
0 kg
Quantity in Box
140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
OLIVIA-M
Lens
PC
clear
OLIVIA-HLD
Holder
PC
clear
Last update: 08/06/2018
Subject to change without prior notice
1/11
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FN14828

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN14836 LEDIL-FN14836 Datasheet
1Mb / 25P
Brooke RefPack
FN14838 LEDIL-FN14838 Datasheet
1Mb / 27P
Brooke RefPack
FN14883 LEDIL-FN14883 Datasheet
1Mb / 27P
Brooke RefPack
More results

Similar Description - FN14828

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16369 LEDIL-C16369 Datasheet
1Mb / 4P
~60째 beam
C15184 LEDIL-C15184 Datasheet
5Mb / 8P
~60째 medium beam for industrial applications
C15246 LEDIL-C15246 Datasheet
3Mb / 6P
~60째 medium beam for industrial applications
C15431 LEDIL-C15431 Datasheet
8Mb / 6P
~60째 medium beam for industrial applications
CA13498 LEDIL-CA13498 Datasheet
5Mb / 6P
~60째 wide beam
F15541 LEDIL-F15541 Datasheet
2Mb / 6P
~60째 beam
C16597 LEDIL-C16597 Datasheet
7Mb / 6P
~60째 medium beam for industrial applications
C16041 LEDIL-C16041 Datasheet
2Mb / 4P
~60째 medium beam for industrial applications.
C16800 LEDIL-C16800 Datasheet
2Mb / 4P
~60째 medium beam for industrial applications
F14468 LEDIL-F14468 Datasheet
6Mb / 11P
~60째 110째 medium beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com