Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6503 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HIP6503
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6503 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HIP6503 Datasheet HTML 4Page - Renesas Technology Corp HIP6503 Datasheet HTML 5Page - Renesas Technology Corp HIP6503 Datasheet HTML 6Page - Renesas Technology Corp HIP6503 Datasheet HTML 7Page - Renesas Technology Corp HIP6503 Datasheet HTML 8Page - Renesas Technology Corp HIP6503 Datasheet HTML 9Page - Renesas Technology Corp HIP6503 Datasheet HTML 10Page - Renesas Technology Corp HIP6503 Datasheet HTML 11Page - Renesas Technology Corp HIP6503 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
HIP6503
FN4882 Rev 5.00
Page 8 of 14
July 21, 2005
Not shown in these diagrams is the deglitching feature used
to protect against false sleep state tripping. Both S3 and S5
pins are protected against noise by a 2
s filter (typically 1 -
4
s). This feature is useful in noisy computer environments if
the control signals have to travel over significant distances.
Additionally, the S3 pin features a 200
s delay in
transitioning to sleep states. Once the S3 pin goes low, an
internal timer is activated. At the end of the 200
s interval, if
the S5 pin is low, the HIP6503 switches into S5 sleep state; if
the S5 pin is high, the HIP6503 goes into S3 sleep state.
Soft-Start Circuit
SOFT-START INTO SLEEP STATES (S3, S4/S5)
The 5VSB POR function initiates the soft-start sequence. An
internal 10
A current source charges an external capacitor.
The error amplifiers reference inputs are clamped to a level
proportional to the SS (soft-start) pin voltage. As the SS pin
voltage slews from about 1.25V to 2.5V, the input clamp
allows a rapid and controlled output voltage rise.
Figure 7 shows the soft-start sequence for the typical
application start-up in sleep state with all output voltages
enabled. At time T0 5VSB (bias) is applied to the circuit. At
time T1 the 5VSB surpasses POR level. An internal fast
charge circuit quickly raises the SS capacitor voltage to
approximately 1V, then the 10
A current source continues
the charging. The soft-start capacitor voltage reaches
approximately 1.25V at time T2, at which point the
3.3VDUAL/3.3VSB and 1.8VSB error amplifiers’ reference
inputs start their transition, resulting in the output voltages
ramping up proportionally. The ramp-up continues until time
T3 when the two voltages reach the set value. As the soft-
start capacitor voltage reaches approximately 2.75V, the
under-voltage monitoring circuit of this output is activated
and the soft-start capacitor is quickly discharged to
approximately 1.25V. Following the 3ms (typical) time-out
between T3 and T4, the MSEL and EN5VDL selections are
latched in, and the soft-start capacitor commences a second
ramp-up designed to smoothly bring up the remainder of the
voltages required by the system. At time T5 all voltages are
within regulation limits, and as the SS voltage reaches
2.75V, all the remaining UV monitors are activated and the
SS capacitor is quickly discharged to 1.25V, where it
remains until the next transition. As the 2.5VCLK output is
only active while in an active state, it does not come up, but
FIGURE 5. 5VDUAL TIMING DIAGRAM FOR EN5VDL = 0;
3VDUAL/3VSB
5VSB
3.3V,
S3
S5
5VDLSB
DLA
3V3DLSB
3V3DL
5VDL
5V, 12V
FIGURE 6. 2.5VMEM, 3.3VMEM, AND 2.5VCLK TIMING DIAGRAM
5VSB
3.3V,
S3
S5
DRV2
VSEN 2
VSEN2
INTERNAL
DEVICES
VCLK
DLA
VSEN1
5V, 12V
FIGURE 7. SOFT-START INTERVAL IN A SLEEP STATE
(ALL OUTPUTS ENABLED)
0V
0V
TIME
SOFT-START
(1V/DIV)
OUTPUT
(1V/DIV)
VOLTAGES
VOUT1 (1.8VSB)
VOUT2
VOUT5 (5VDUAL)
T1 T2
T3
T0
5VSB
(1V/DIV)
T5
T4
VOUT3 (3.3VDUAL/3.3VSB)
(2.5VMEM)
VOUT4
(2.5VCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com