Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6503 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP6503
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6503 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP6503 Datasheet HTML 6Page - Renesas Technology Corp HIP6503 Datasheet HTML 7Page - Renesas Technology Corp HIP6503 Datasheet HTML 8Page - Renesas Technology Corp HIP6503 Datasheet HTML 9Page - Renesas Technology Corp HIP6503 Datasheet HTML 10Page - Renesas Technology Corp HIP6503 Datasheet HTML 11Page - Renesas Technology Corp HIP6503 Datasheet HTML 12Page - Renesas Technology Corp HIP6503 Datasheet HTML 13Page - Renesas Technology Corp HIP6503 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
HIP6503
FN4882 Rev 5.00
Page 13 of 14
July 21, 2005
HIP6503 Application Circuit
Figure 12 shows an application circuit of an
ACPI-sanctioned power management system for a
microprocessor computer system. The power supply
provides the 3.3VDUAL/3.3VSB voltage (VOUT3), the ICH2
resume well 1.8VSB voltage (VOUT1), the RDRAM 2.5VMEM
memory voltage (VOUT2), the 2.5VCLK clock voltage
(VOUT4), and the 5VDUAL voltage (VOUT5) from +3.3V,
+5VSB, +5V, and +12VDC ATX supply outputs. Q4 can also
be a PNP, such as an MMBT2907AL. For detailed
information on the circuit, including a Bill-of-Materials and
circuit board description, see Application Note AN9901.
Also see Intersil Corporation’s web page
(www.intersil.com) or call 1 888-INTERSIL for the latest
information.
C9
C4
330
F
1
F
150
F
330
F
GND
5VSB
+3.3VIN
+5VSB
VSEN2
DRV2
C7
HIP6503
12V
+12VIN
VOUT2
2.5VMEM
Q1
VOUT3
3.3VDUAL/3.3VSB
+5VIN
C13
VOUT5
5VDUAL
3V3DL
3V3DLSB
Q2
Q3
Q4
Q5
DLA
5VDLSB
FAULT/MSEL
5VDL
SS
CONFIGURATION
EN5VDL
S3
+
+
C3
1
F
C1
1
F
C2
1000
F
+
C8
1
F
+
1
F
C14
1
F
2SC5001
2SD1802
FDV304P
SHUTDOWN
1/2 HUF76113DK8
HUF76113T3S
C10
U1
C15
0.1
F
(FROM OPEN-DRAIN N-MOS)
1V8SB
VCLK
VOUT4
2.5VCLK
150
F
C11 +
C12
1
F
VOUT1
1.8VSB
C6
150
F
+
SLP_S3
SLP_S5
FIGURE 12. TYPICAL HIP6503 APPLICATION DIAGRAM
3V3
1V8IN
S5
HARDWARE
C5
1
F
5V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
FAULT OUTPUT
R1
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com