Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT3573 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74FCT3573
Description  Fast CMOS 3.3V 8-Bit Transparent Latch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT3573 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74FCT3573 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT3573 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT3573 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT3573 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PI74FCT3573
3.3V 8-BIT TRANSPARENT LATCH
4
PS8121A
07/21/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Switching Characteristics over Operating Range(1)
FCT3573
Com.
Parameters
Description
Conditions(2)
Min(3)
Max
Units
tPLH
Propagation Delay
CL = 50pF
1.5
4.2
ns
tPHL
Dx to Ox
RL = 500
Ω
tPLH
Propagation Delay
2.0
5.5
ns
tPHL
LE to Ox
tPZH
Output Enable Time
1.5
5.5
ns
tPZL
OE to Ox
tPHZ
Output Disable Time(4)
1.5
5.0
ns
tPLZ
OE to Ox
tSU
Setup Time HIGH
2.0
ns
or LOW, Dx to LE
tH
Hold Time HIGH
1.5
ns
or LOW, Dx to LE
tW
LE Pulse Width(4)
5.0
ns
HIGH
tSK(o)
Output Skew(5)
0.5
ns
Notes:
1. Propagation Delays and Enable/Disable times are with Vcc = 3.3V ±0.3V, normal range.
For Vcc = 2.7V, extended range, all Propagation Delays and Enable/Disable times should
be degraded by 20%.
2. See test circuit and wave forms.
3. Minimum limits are guaranteed but not tested on Propagation Delays.
4. This parameter is guaranteed but not production tested.
5. Skew between any two outputs, of the same package, switching in the same direction.
This parameter is guaranteed by design.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com