Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT3573 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74FCT3573
Description  Fast CMOS 3.3V 8-Bit Transparent Latch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT3573 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74FCT3573 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT3573 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT3573 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT3573 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8121A
07/21/97
Logic Block Diagram
Description
Pericom Semiconductor’s PI74FCT3 series of logic circuits are
produced in the Company’s advanced 0.6 micron CMOS technology,
achieving industry leading speed grades.
The PI74FCT3573 is an 8-bit transparent latch designed with
3-state outputs and is intended for bus oriented applications. When
Latch Enable (LE) is HIGH, the flip-flops appear transparent to
the data. The data that meets the set-up time when LE is LOW is
latched. When OE is HIGH, the bus output is in the high impedance
state.
The PI74FCT3573 can be driven from either 3.3V or 5.0V devices
allowing this device to be used as a translator in a mixed
3.3/5.0V system.
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT3573
Fast CMOS 3.3V 8-Bit
Transparent Latch
Pinout
Inputs
(1)
Outputs
(1)
DN
LE
OE
ON
HH
L
H
LH
L
L
XX
H
Z
Truth Table
Note:
1. H = High Voltage Level
X = Don’t Care
L = Low Voltage Level
Z = High Impedance
Pin Description
Pin Name
Description
OE
Output Enable Input (Active LOW)
LE
Latch Enable Input (Active HIGH)
D7-D0
Data Inputs
O7-O0
3-State Outputs
GND
Ground
VCC
Power
Features
• Advanced Low Power CMOS Operation
• Compatible with LVC class of products
• Compatible with industry standard octal pinouts
• Excellent output drive capability:
Balanced drives (24 mA sink and source)
• Can serve as a 5V to 3V translator
• Inputs can be driven by 3.3V or 5V devices
• Low ground bounce outputs
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages available:
– 20-pin 173 mil wide plastic TSSOP (L20)
– 20-pin 150 mil wide plastic QSOP (Q20)
– 20-pin 150 mil wide plastic TQSOP (R20)
– 20-pin 300 mil wide plastic SOIC (S20)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Vcc
O0
O1
O2
O3
O4
O5
O6
O7
LE
OE
D0
D1
D2
D3
D4
D5
D6
D7
GND
20-Pin
L20
R20
Q20
S20
OE
LE
O0
G
D
D0
TO 7 OTHER CHANNELS
O


Similar Part No. - PI74FCT3573

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT3244 PERICOM-PI74FCT3244 Datasheet
437Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver1234567891020191817161514131211VCC
PI74FCT3244 PERICOM-PI74FCT3244 Datasheet
734Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74FCT3244L PERICOM-PI74FCT3244L Datasheet
437Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver1234567891020191817161514131211VCC
PI74FCT3244L PERICOM-PI74FCT3244L Datasheet
734Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74FCT3244L PERICOM-PI74FCT3244L Datasheet
721Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
More results

Similar Description - PI74FCT3573

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Pericom Semiconductor C...
PI74LCX16373 PERICOM-PI74LCX16373 Datasheet
159Kb / 6P
Fast CMOS 3.3V 16-Bit Transparent Latch
PI74LPT573 PERICOM-PI74LPT573 Datasheet
40Kb / 4P
Fast CMOS 3.3V 8-Bit Transparent Latch
PI74FCT163373 PERICOM-PI74FCT163373 Datasheet
73Kb / 5P
Fast CMOS 3.3V 16-Bit Transparent Latch
PI74FCT16841T PERICOM-PI74FCT16841T Datasheet
63Kb / 6P
Fast CMOS 20-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
FAST CMOS 16-BIT TRANSPARENT LATCH
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
3.3V CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com