Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS00-R Datasheet(PDF) 30 Page - Broadcom Corporation.

Part # AC207-DS00-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS00-R Datasheet(HTML) 30 Page - Broadcom Corporation.

Back Button AC207-DS00-R Datasheet HTML 26Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 27Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 30Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 31Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 34Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
AC207
Preliminary Data Sheet
07/08/02
B roa dcom
Page 20 Register Description
Document
AC207-DS04-405-R
INITIAL DEVICE CONFIGURATION REGISTER
Table 17: Initial Device Configuration Register
Name
Type
Address
Description
MII Configuration
R/W
06
Used to give the status of MII port. Default is set by pin.
Bit
Name
Type
Description
Default
15:12
Mode
RO
Mode[3:0]
Digital Interface
MODE pins
0000
MII
0100
7-wire
Others
Reserved
11
Reserved
(write clear enable)
RO
10
Reserved
(MIB enable)
RO
Reserved
0
9
Disable partition
R/W
1:disable partition function of MII interface
0
8
External transform
selection
R/W
1:external transform 1:1.25, 0:external transform 1:1 Ext pin
7
MIIB speed select
R/W
1:100M interface, 0:10M interface
Ext Pin
6:2
Switch debug
R/W
Selection control for debugging signals
00000
1
100M repeater partition
alternative
R/W
0: normal, un-partition a port only when data can be
transmitted out from the port for 560 bit-time without a
collision.
1: alternate, un-partition a port when data can be either
transmitted from the port or received from the port for
560 bit-time without a collision.
0
0
10M repeater partition al-
ternative
R/W
0: normal, un-partition a port when data can be either
transmitted from the port or received from the port for
560 bit-time without a collision.
1: alternate, un-partition a port only when data can be
received from the port for 560 bit-time without a colli-
sion
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com