Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC207-DS00-R Datasheet(PDF) 32 Page - Broadcom Corporation.

Part # AC207-DS00-R
Description  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS00-R Datasheet(HTML) 32 Page - Broadcom Corporation.

Back Button AC207-DS00-R Datasheet HTML 28Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 29Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 30Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 31Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 32Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 33Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 34Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 35Page - Broadcom Corporation. AC207-DS00-R Datasheet HTML 36Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
AC207
Preliminary Data Sheet
07/08/02
B roa dcom
Page 22 PHY Registers
Document
AC207-DS04-405-R
PHY REGISTERS
The following registers are defined for each PHY port. The base addresses of PHY 1 to PHY 8 are 0, 1, 2, 3, 4, 5, 6, and 7
respectively.
PHY CONFIGURATION REGISTER
Table 19: PHY Configuration Register 0
Bit
Name
Definition
Mode
Default
0.15
Reset
1 = PHY reset
This bit is self-clearing.
RW/SC
0
0.14
Loopback
1 = Loopback mode, which internally loop the transmit of AC207 to
its receive, thus it will ignore all the activity on the cable media.
0 = Normal operation.
RW
0
0.13
Speed select
1 = 100 Mbps
0 = 10 Mbps. This bit will be ignored if auto-negotiation is enabled.
It will no longer reflect auto-negotiation result.
RW
1
0.12
Auto-neg enable
1 = Enable auto-negotiate process (overrides 0.13 and 0.8)
0 = Disable auto-negotiate process.
In force mode, speed is selected via bit 0.13.
RW
1
0.11
Power-down
1 = Power-down mode, which puts AC207 in low-power stand-by
mode, which only reacts to access transaction.
0 = Normal operation.
RW
0
0.10
Isolate
1 = Electrical isolation of PHY from MII and cable media.
0 = Normal operation.
RW
0
0.9
Restart
auto-negotiation
1 = Restart auto-negotiation process.
0 = Normal operation.
RW/ SC
0
0.8
Duplex mode
1 = Full-duplex.
0 = Half-duplex.
Full-duplex is not supported on this chip. It will no longer reflect
auto-negotiation result.
RO
0
0.7
Collision test
1 = Enable collision test, which issues the COL signal in response
to the assertion of TX_EN signal.
0 = Disable COL test.
RW
0
0.6:0
Reserved
RO
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com