Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBDC19-KA-D Datasheet(PDF) 2 Page - Mini-Circuits

Part # EBDC19-KA-D
Description  Bi-Directional Coupler Die
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EBDC19-KA-D Datasheet(HTML) 2 Page - Mini-Circuits

  EBDC19-KA-D Datasheet HTML 1Page - Mini-Circuits EBDC19-KA-D Datasheet HTML 2Page - Mini-Circuits EBDC19-KA-D Datasheet HTML 3Page - Mini-Circuits EBDC19-KA-D Datasheet HTML 4Page - Mini-Circuits EBDC19-KA-D Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Bi-Directional Coupler Die EBDC19-KA-D+
50Ω
5 to 43.5 GHz
Product Features
• Wide bandwidth, 5 to 43.5 GHz
• Excellent Coupling Flatness, ±0.6 dB over 20 to 40 GHz
• Nominal Coupling 18.6 dB over 20 to 40 GHz
• DC passing
REV. OR
M165761
EBDC19-KA-D+
RS/CP
180220
General Description
Mini-Circuits’ EBDC19-KA-D+ is a Bi-Directional Coupler die designed for wideband operation from 5 to
43.5 GHz with a nominal coupling of 18.7 dB over 20-40 GHz. Manufactured using GaAs IPD technology,
it has excellent repeatability and excellent reliability.
Typical Applications
• 5G
• Instrumentation
• Military
MMIC
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Ordering Information: Refer to Last Page
Simplified Schematic and Pad description
Bonding Pad Position
Note: 1. Bond Pad material - Gold
2. Bottom of Die - Gold plated
Dimensions in µm, Typical
L1
L2
L3
L4
L5
H1
H2
H3
H4
H5
134
392
1199 1456 1590 124
370
921
1166 1290 100 117 x 167 167 x 117
Pad#
Function
1
Input
2
Output
4
Couple Forward
3
Couple Reverse
Die Bottom
Ground



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com