Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBDC19-KA-D Datasheet(PDF) 3 Page - Mini-Circuits

Part # EBDC19-KA-D
Description  Bi-Directional Coupler Die
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EBDC19-KA-D Datasheet(HTML) 3 Page - Mini-Circuits

  EBDC19-KA-D Datasheet HTML 1Page - Mini-Circuits EBDC19-KA-D Datasheet HTML 2Page - Mini-Circuits EBDC19-KA-D Datasheet HTML 3Page - Mini-Circuits EBDC19-KA-D Datasheet HTML 4Page - Mini-Circuits EBDC19-KA-D Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMIC Bi-Directional Coupler die
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
EBDC19-KA-D+
Parameter
Ratings
Operating Temperature
-40°C to 85°C
Power Input
1W Max.
Power into Coupled Port
1W Max.
DC Current
1.3A at 25°C. Derate linearly to 0.65A at 85°C
2. Permanent damage may occur if any of these limits are exceeded.
Electrical maximum ratings are not intended for continuous normal operation.
1. Measured on Die using MPI TITAN 200µm GSG probe
Electrical Specifications1 at 25°C
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Frequency Range
5
43.5
GHz
Main Line Loss
5 - 10
0.3
dB
10 - 20
0.6
20 - 40
0.6
40 - 43.5
0.6
Nominal Coupling
5 - 10
25.6
dB
10 - 20
21.0
20 - 40
18.7
40 - 43.5
19.5
Coupling Flatness (±)
5 - 10
2.8
dB
10 - 20
1.9
20 - 40
0.6
40 - 43.5
0.6
Directivity
5 - 10
8.8
dB
10 - 25
9.1
25 - 30
10
30 - 43.5
6.0
Return Loss - Input / Output
5 - 10
15.6
dB
10 - 20
13.7
20 - 40
14.7
40 - 43.5
16.0
Return loss - CPL-FWD/CPL-REV
5 - 10
15.8
dB
10 - 20
14.1
20 - 40
14.8
40 - 43.5
15.8
Absolute Maximum Ratings2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com