Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M56783AFP Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M56783AFP
Description  3 CHANNEL ACTUATOR DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56783AFP Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M56783AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
3 CHANNEL ACTUATOR DRIVER
M56783AFP
MITSUBISHI <CONTROL / DRIVER IC>
APPLICATION CIRCUIT NO. 4
• Differential PWM input (for FOCUS and TRACKING and 3CH)
• Direct current control (for FOCUS and TRACKING)
PWM2-
PWM2+
1.5V
VREF
VBS
×1
SIN1-
SOUT1
VM1+
VM1-
×6
×6
MGND12
VM2+
VM2-
×6
×6
×1
SIN2-
SOUT2
OUT2
IN2+
IN2-
OP2+
OP2-
OP2OUT
TP
TSD
IN3-
IN3+
VM3+
VM3-
×6
×6
MUTE1
BIAS
<Low, OPEN: MUTE ON>
BIAS
MUTE2
1, 2CH
3CH
SLEEP
OP1+
OP1OUT
OP1-
R1
R3
OUT1
IN1+
IN1-
5V
1
2
4
Vm12
Vrefm12
5V
7
5
6
42
41
40
39
38
37
36
35
8
9
10
11
12
13
14
15
16
17
34
33
32
31
30
29
28
24
23
22
Vm3
Vrefm3
5V
27
C2
R2
Rs
Ra
Rs
Ra
3
1CH
2CH
3CH
Please make an open the
pin (TP) terminal!
PWM3+
PWM3-
25
26
R4
C4
R5
18
19
20
21
VREF
C4
R5
R4
3.3V
0V
3.3V
0V
R6
C5
R7
C6
R7
C6
VREF
C1
R2
R1
PWM1+
C1
CH1,CH2
power gnd
3.3V
0V
3.3V
0V
10K
10K
20K
20K
2.5K
15K
15K
2.5K
15K
2.5K
15K
2.5K
15K
2.5K
15K
2.5K
15K
2.5K
15K
2.5K
10K
10K
4K
24K
4K
24K
4K
24K
4K
24K
20K
20K
10K
10K
10K
10K
23K
23K
23K
23K
24
H: sleep
3.3V
0V
3.3V
0V
PWM1-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com