Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M56783AFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M56783AFP
Description  3 CHANNEL ACTUATOR DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56783AFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M56783AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56783AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3 CHANNEL ACTUATOR DRIVER
M56783AFP
MITSUBISHI <CONTROL / DRIVER IC>
PIN CONFIGURATION (TOP VIEW)
DESCRIPTION
The M56783AFP is a semiconductor integrated circuit in order to
drive 3ch actuator.
FEATURES
q 3.3V DSP available.
q Low saturation voltage.
q By taking advantage of the bootstrap function, the saturation
voltage can be lower.
q There are two motor power supplies.
Vm12 CH1, 2 motor power supply-1
Vm3 CH3
motor power supply-2
q 7V power-supply is possible (Vm12 = 12V and MGND12 = 5V)
q Flexible Input amplifier setting. (It enables PWM control.)
q CH1 and CH2 can act in the Current Control mode.
q Low cross-over distortion.
q Wide supply voltage range. (4.5V – 13.2V)
q Including Thermal Shut Down circuit.
q Including 2 Operational Amplifiers.
q Including Mute circuit (2 lines).
APPLICATION
MD, CD-audio, CD-ROM, VCD, DVD etc.
BLOCK DIAGRAM
Outline 42P9R-F
TSD
GND (10PINS)
IN1+
CH3
×12
+
-
-
+
+
-
-
+
CH2
×12
+
-
+
-
-
+
CH1
×12
+
-
IN1-
OUT1
VM1(-)
VM1(+)
VM2(-)
VM2(+)
OUT2
IN2-
IN2+
VM3(+)
VM3(-)
IN3-
Vm3
BIAS
BIAS
-
Vm12
VBS
Low,Open
MUTE ON
E1
E2
B2
Vrefm3
-
Vrefm12
VBS
VBS
VBS
VBS
VBS
VBS
Vm12
Vm3
R
R
R
R
29
28
25
27
2
7
40
41
42
5
6
14
15
18
19
20
-
VBS
VREF
1
MUTE2
35
VBS
VBS
9 to 13
30 to 34
-
+
-
+
SIN1- 4
SOUT1 3
VBS
VBS
SIN2- 16
SOUT2 17
MGND12
8
IN3+
B1
VBS
26
VREF
OP1+
OP1
37
OP1-
38
-
OP1OUT
39
OP2+
OP2
VBS
23
OP2-
22
-
OP2OUT
21
MUTE1
36
1, 2
CH
3CH
TP
24
SLEEP
S1
S2
-
+
-
+
H: sleep
42
39
40
41
1
4
3
2
38
5
37
6
14
29
7
8
36
35
15
28
16
27
17
26
18
25
19
20
24
23
21
22
OUT1
IN1-
IN1+
OP1OUT
OP1-
OP1+
MUTE1
MUTE2
GND
VM3+
VM3-
Vm3
IN3-
IN3+
TP
OP2+
OP2-
VREF
VBS
SOUT1
SIN1-
VM1-
VM1+
Vm12
MGND12
GND
VM2+
VM2-
SIN2-
SOUT2
OUT2
IN2-
IN2+
OP2OUT
9
10
11
12
13
34
33
32
31
30


Similar Part No. - M56783AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56781FP MITSUBISHI-M56781FP Datasheet
158Kb / 6P
2-CHANNEL ACTUATOR MOTOR DRIVER
M56782FP MITSUBISHI-M56782FP Datasheet
275Kb / 9P
4 CHANNEL ACTUATOR DRIVER
M56784 MITSUBISHI-M56784 Datasheet
223Kb / 11P
SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
SPINDLE MOTOR DRIVER
M56785FP MITSUBISHI-M56785FP Datasheet
212Kb / 11P
SPINDLE MOTOR DRIVER
More results

Similar Description - M56783AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56748FP MITSUBISHI-M56748FP Datasheet
71Kb / 5P
4-CHANNEL ACTUATOR MOTOR DRIVER
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
4-CHANNEL ACTUATOR MOTOR DRIVER
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
5 CHANNEL ACTUATOR MOTOR DRIVER
M56759FP MITSUBISHI-M56759FP Datasheet
381Kb / 11P
4-CHANNEL ACTUATOR DRIVER
M56781FP MITSUBISHI-M56781FP Datasheet
158Kb / 6P
2-CHANNEL ACTUATOR MOTOR DRIVER
M56782FP MITSUBISHI-M56782FP Datasheet
275Kb / 9P
4 CHANNEL ACTUATOR DRIVER
M56788FP MITSUBISHI-M56788FP Datasheet
292Kb / 8P
5 CHANNEL ACTUATOR DRIVER
M56789FP MITSUBISHI-M56789FP Datasheet
632Kb / 15P
4 CHANNEL ACTUATOR DRIVER
M63000SP MITSUBISHI-M63000SP Datasheet
752Kb / 6P
4-CHANNEL ACTUATOR MOTOR DRIVER
logo
Renesas Technology Corp
M56788AFP RENESAS-M56788AFP Datasheet
4Mb / 12P
5 CHANNEL ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com