Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2615B Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2615B
Description  2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615B Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2615B Datasheet HTML 8Page - Monolithic Power Systems MP2615B Datasheet HTML 9Page - Monolithic Power Systems MP2615B Datasheet HTML 10Page - Monolithic Power Systems MP2615B Datasheet HTML 11Page - Monolithic Power Systems MP2615B Datasheet HTML 12Page - Monolithic Power Systems MP2615B Datasheet HTML 13Page - Monolithic Power Systems MP2615B Datasheet HTML 14Page - Monolithic Power Systems MP2615B Datasheet HTML 15Page - Monolithic Power Systems MP2615B Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP2615B – 2A, 1- CELL LI-ION BATTERY CHARGER
MP2615B Rev. 1.0
www.MonolithicPower.com
12
3/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP2615B is a peak current mode controlled
switching charger for a 1 cell lithium-ion and
lithium-polymer batteries. It integrates both the
high-side
and
low-side
switches
of
the
synchronous BUCK converter, which provides
high efficiency and saves the PCB space.
Charge Cycle (Mode change: TC
CC
CV)
The MP2615B regulates the charge current (ICHG)
and battery voltage (VBATT) using two control
loops to realize highly-accurate constant current
(CC) charge and constant voltage (CV) charge.
As shown in Figure 2, when the VBATT < VTC, the
MP2615B stays in trickle-charge mode and the
output of charge current loop COMPI dominants
the control. The battery is charged by a trickle
charge current ITC until the battery voltage
reaches VTC. If the charger stays in the trickle-
charge mode till the trickle-charge timer is
triggered, the charging will be terminated.
The MP2615B will enter constant-current charge
mode once the battery voltage rises higher than
VTC, and in this mode the current loop continues
dominating the control and the charge current will
increase from ITC to ICC to fast charge the battery
When the battery voltage rises over full battery
voltage VBATT_FULL, the charger enters into
constant-voltage mode. In constant voltage mode,
the battery voltage is regulated at VBATT_FULL
precisely and the charge current will fall naturally
due to the existing equivalent internal resistance
of the battery. For the operation flow chart,
please also refer to Figure 4.
CC Charge
Threshold
CV Charge
Threshold
CC
Charge
ICHG
VBATT
Charge
Full
TC Charge
Current
CC Charge
Current
CV
Charge
Auto-
recharge
Auto-recharge
Threshold
IBF
Trickle
Charge
Figure 2: Li-ion Battery Charge Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com