Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2615B Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2615B
Description  2A, 1 Cell Li-ion Battery Charger In 3mm x 3mm Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615B Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2615B Datasheet HTML 9Page - Monolithic Power Systems MP2615B Datasheet HTML 10Page - Monolithic Power Systems MP2615B Datasheet HTML 11Page - Monolithic Power Systems MP2615B Datasheet HTML 12Page - Monolithic Power Systems MP2615B Datasheet HTML 13Page - Monolithic Power Systems MP2615B Datasheet HTML 14Page - Monolithic Power Systems MP2615B Datasheet HTML 15Page - Monolithic Power Systems MP2615B Datasheet HTML 16Page - Monolithic Power Systems MP2615B Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP2615B – 2A, 1- CELL LI-ION BATTERY CHARGER
MP2615B Rev. 1.0
www.MonolithicPower.com
13
3/17/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Charge Full Termination and Auto-Recharge
When the charge current drops below the
termination threshold (IBF) during the CV charge
phase, the charger will stop charging and the
CHGOK
pin becomes open drain. The timer will
also be reset and turned off. Once the battery
voltage decrease below the recharge threshold
VRECH, recharging will automatically kick in and
the timer restarts a new charge cycle.
COT Charge Mode
MP2615B uses the floating ground method to
drive the high-side MOSFET of the buck
converter. During the off-time of the high-side
MOSFET, the BST capacitor is recharged and
the voltage across it is used as the HS-MOS gate
drive. Thus a minimum off-time 200ns is required
to maintain sufficient voltage at BST capacitor.
When the 200ns minimum off-time is achieved
due to a large duty cycle, the MP2615B enters
into the COT (constant off-time) charge mode. In
this mode of operation, Switching frequency is
decreased in order to achieve up to 99% duty
cycle.
Charge Status Indication
MP2615B has two open-drain status outputs,
CHGOK
pin and
ACOK pin. The ACOK pin
goes low when the input voltage is 300mV larger
than battery voltage and over the under voltage
lockout threshold. Pin CHGOK
is used to indicate
the status of the charge cycle. Table 1
summarized the operation of both CHGOK and
ACOK according to the status of charge.
Table 1: Charging Status Indication
ACOK
CHGOK
Charger Status
Low
Low
In charging
Low
High
impedance
End of charge;
NTC fault;
Timer out;
EN disable;
Thermal shutdown;
High
impedance
High
impedance
VIN absent;
VIN − VBATT < 0.3V
Safety Timer Operation
The MP2615B has an internal safety timer to
terminate charging if the timer times out. The
capacitor CTMR connected between the TMR pin
and GND is used to set the internal oscillator
period,
PTMR
T (seconds) 0.46 C
(uF)
=
×
(1)
This timer limits the max trickle charge time to
8192 internal oscillating period. If the charger
stays in trickle charge mode for longer than the
max oscillating periods, it will be terminated and
the CHGOK becomes open drain to indicate the
timer-out fault. If the charge successfully goes
through trickle charge within the allowed time
limit, it enters into the CC charge mode and the
timer continues to count the oscillating periods.
When the battery is charged full, the timer turns
off and clears the counter, waiting for the auto-
recharge to restart.
If the charge time during CC/CV mode exceeds
49152 oscillating periods and the battery full has
not been qualified, the charger will be terminated
and a timer-out fault is also indicated by floating
the CHGOK . The charger can exit the timer-out
fault state and the on-chip safety timer restarts
counting when one of the following conditions
occurs:
•
The battery voltage falls below the auto-
recharge threshold VRECH.
•
A power-on-reset (POR) event occurs;
•
EN pin is toggled.
The timer can be disabled by pulling TMR-pin to
AGND.
Thus, the trickle mode charge time is:
Trickle_tmr
TMR
t
(minutes) 62.8 C
(uF)
=×
(2)
If connect a CTMR of 0.47uF, the trickle charge
time is about 30 minutes.
The CC/CV mode charge time is:
Total_tmr
TMR
t
(hours) 6.28 C
(uF)
=
×
(3)
If connect a CTMR of 0.47uF, the CC/CV charge
time is 2.95 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com