Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617BGL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2617BGL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617BGL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2617BGL Datasheet HTML 16Page - Monolithic Power Systems MP2617BGL Datasheet HTML 17Page - Monolithic Power Systems MP2617BGL Datasheet HTML 18Page - Monolithic Power Systems MP2617BGL Datasheet HTML 19Page - Monolithic Power Systems MP2617BGL Datasheet HTML 20Page - Monolithic Power Systems MP2617BGL Datasheet HTML 21Page - Monolithic Power Systems MP2617BGL Datasheet HTML 22Page - Monolithic Power Systems MP2617BGL Datasheet HTML 23Page - Monolithic Power Systems MP2617BGL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.23
www.MonolithicPower.com
20
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
system load will be powered by the battery
automatically. ACOK
__________
is an open-drain, active-low
output that indicates the status of input power.
The input is considered valid when the input
voltage is over the UVLO rising threshold, and
310mV higher than the battery voltage to ensure
both the converter and the charger can operate
normally. If the input voltage from an adapter or
from a USB port is indicated OK, ACOK
__________
will turn
low.
During EN
_____
off or thermal shutdown conditions,
the ACOK
__________
turns high to indicate no power is
provided by the input to the system. The ACOK
__________
signal indicates if input supplies power to the
system load or not. Any other condition can not
affect the ACOK
__________
indication as long as the input
power is present.
Charge Status Indication (CHGOK
_____________
)
CHGOK
_____________
is an open-drain, active-low output that
indicates the status of charge. CHGOK
_____________
will be
low during normal charging operation, turn high
after charge full, and blink if a fault condition
happens including NTC fault (battery temperature
invalid) and timer out (bad battery).
In the event of a fault condition, CHGOK
_____________
switches at 6Hz with the 50% duty cycle and
enter
“blinking” mode. The user should check the
application circuit to find out the root cause of the
fault condition if the “blinking” signal is asserted.
For no battery condition, CHGOK
_____________
is blinking
according to the transition between charging and
charge full. The blinking frequency is determined
by the cycle of charge and discharge of the
output capacitor.
When the charge current to the battery is low or
in the event the battery is in supplement mode
caused by the insufficient input power, CHGOK
_____________
keeps low to avoid providing false charge full
indication.
Table 2 shows the ACOK
__________
and CHGOK
_____________
status
under different charge conditions.
Table 2
―Charger Status Indication
ACOK
CHGOK
Charger Status
low
low
In charging, supplement
mode
low
high
End of charge, ISET
disable charger only.
low
blinking at
6Hz
NTC fault, timer out
high
high
VIN absent, EN disable,
thermal shutdown
Timer Setting
The MP2617A and MP2617B uses an internal
timer to terminate charge if the timer times out.
The timer duration is programmed by an external
capacitor at the TMR pin and related to the real
charge current.
The trickle mode charge time is:
TMR
Trickle _ TMR
C
t
45
(min)
0.1
μF

CHG
(I
1A)
The total charge time is:
TMR
Total_TMR
C
t
6.5
(hr)
0.1
μF

CHG
(I
1A)
The above equations are based on 1A charge
current. As a result of power path management
control, charge current might vary during normal
operation, under this condition, the MP2617A
and MP2617B automatically takes into account
this
variation
and
adjust
the
timer
period
accordingly.
When the charge current is set larger than 1A,
the safe timer period is reduced accordingly with
the same TMR capacitor. If the charge current is
reduced because of insufficient input power, the
timer period is increased proportionally by the
same rate at which the charge current is reduced.
If charge is stopped due to high system load, the
timer is temporarily suspended.
This feature avoids indicating a false trigger
indication for bad battery indication when there is
little charge current delivered to the battery as a
result of the insufficient input power. When the
timer out condition occurs, the MP2617A and
MP2617B terminates the charge at once and
CHGOK
_____________
blinks to indicate the fault status. If one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com