Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617BGL Datasheet(PDF) 26 Page - Monolithic Power Systems

Part # MP2617BGL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617BGL Datasheet(HTML) 26 Page - Monolithic Power Systems

Back Button MP2617BGL Datasheet HTML 22Page - Monolithic Power Systems MP2617BGL Datasheet HTML 23Page - Monolithic Power Systems MP2617BGL Datasheet HTML 24Page - Monolithic Power Systems MP2617BGL Datasheet HTML 25Page - Monolithic Power Systems MP2617BGL Datasheet HTML 26Page - Monolithic Power Systems MP2617BGL Datasheet HTML 27Page - Monolithic Power Systems MP2617BGL Datasheet HTML 28Page - Monolithic Power Systems MP2617BGL Datasheet HTML 29Page - Monolithic Power Systems MP2617BGL Datasheet HTML 30Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
MP2617A, MP2617B
– SINGLE CELL SWITCHING CHARGER WITH POWER PATH
MP2617A, MP2617B Rev. 1.23
www.MonolithicPower.com
26
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Thus the input voltage is:
(V)
R2
R2
+
R1
×
V
=
V
VLIM
IN_LIM
(5)
The voltage clamp reference voltage VVLIM is
1.52V, and a typical
value for R2 can be 10kΩ.
With this value, R1 can be determined by:
(V)
V
V
-
V
×
R2
=
R1
VLIM
VLIM
IN_LIM
(6)
For example, for a 4.65V input limit voltage, R2
is 10kΩ, and R1 is 20.6kΩ.
The minimum value and the maximum value of
the input voltage limit can be calculated
according to the accuracy of the resistor and
the tolerance of VVLIM. 1% accuracy resistors
are used for R1 and R2.
Setting the System Voltage
The system voltage can be regulated to any
value between 4.08V to 4.4V (MP2617B) by the
resistor divider on SYSFB pin as R6 and R7 in
Figure 10.
SYS
SYS _ REF
R6 R7
VV
R7

(7)
Where VSYS_REF is 1.152V, the reference voltage
of SYS. With a typical value for R7
, 10kΩ, R6
can be determined by:
SYS
SYS _ REF
SYS _ REF
VV
R6
R7
(V)
V

(8)
For example, for a 4.2V system voltage, R7 is
10kΩ, and R6 is 26.5kΩ. 1% resistors are
selected for the R5 and R6.
Be noted that, the minimum VSYS is limited to be
higher than the maximum value of the auto-
recharge threshold which is 4.05V.
Selecting the Inductor
Inductor selection trades off among cost, size,
and
efficiency.
A
lower
inductance
value
corresponds to a smaller size, but results in
higher
ripple
currents,
higher
magnetic
hysteretic
losses,
and
higher
output
capacitances. From a practical standpoint, the
inductor ripple current does not exceed 30% of
the maximum load current under worst cases
conditions. For example, if the ICHG is setting to
3A in MP2617B, then,
ΔI
L is general set at 0.9A.
However, for the light load condition, the
inductor ripple current will be very small which
may cause unstable operation due to the peak
current mode control of the IC. For stable
operation, the experienced minimum limit value
for inductor current ripple is 0.5A. Therefore, the
inductor current ripple is the maximum one of
30% times ICHG and 0.5A.
And the inductance can be calculated according
to Equation (9):

_
()
IN
SYS
SYS
L MAX
IN
S
V
V
V
L
I
V
f MHz
(
H)
(9)
The peak current of the inductor is calculated
as Equation (10):
)
2
ripple
%
1
(
I
I
)
MAX
(
LOAD
PEAK
(mA)
(10)
Where VIN, VSYS, and fS are the typical input
voltage, the output voltage, and the switching
frequency, respectively.
Following Table 4 provides the selection guide
of the inductance based on different input
voltage.
Table 4: Inductance Selection Guide under different Input Voltage
SPEC
Inductance Selection
VIN
 ()
IN
SYS
SYS
L
IN
S
V
V
V
L
I
V
f MHz
ΔI
L=max (0.3*ICHG,0.5A)
ΔI
LMIN=0.5A
ΔI
LMAX=0.9A
LMIN
(
μH)
LMAX
(
μH)
L
(
μH)
Saturation
Current (A)
(5)
DCR
(m
Ω)
Package
5V
0.367
1.25
1.0
>3.95
<50
Application
Required
9V
1.5
2.8
2.2
>3.95
<50
Application
Required
NOTE:
5)
Saturation Current of the inductor should be higher than the IPEAK, add 0.5A margin here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com