Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6507 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6507
Description  2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6507 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6507 Datasheet HTML 1Page - Monolithic Power Systems MP6507 Datasheet HTML 2Page - Monolithic Power Systems MP6507 Datasheet HTML 3Page - Monolithic Power Systems MP6507 Datasheet HTML 4Page - Monolithic Power Systems MP6507 Datasheet HTML 5Page - Monolithic Power Systems MP6507 Datasheet HTML 6Page - Monolithic Power Systems MP6507 Datasheet HTML 7Page - Monolithic Power Systems MP6507 Datasheet HTML 8Page - Monolithic Power Systems MP6507 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MP6507 –2.7V-TO-15V, 700mA, STEPPER MOTOR DRIVER
MP6507 Rev. 1.05
www.MonolithicPower.com
2
4/30/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP6507GF*
TSSOP16-EP (5.0×6.4mm)
MP6507
MP6507GQ**
QFN16 (3×3mm)
AEC
MP6507GR***
QFN16 (4x4mm)
MP6507
MP6507GM****
TSSOP16 (5.0×6.4mm)
MP6507
* For Tape & Reel, add suffix –Z (e.g. MP6507GF–Z);
** For Tape & Reel, add suffix –Z (e.g. MP6507GQ–Z);
***For Tape & Reel, add suffix –Z (e.g. MP6507GR–Z);
****For Tape & Reel, add suffix –Z (e.g. MP6507GM–Z);
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
1
AIN2
nSLEEP
SENA
AOUT2
BOUT2
SENB
BOUT1
FAULT
AOUT1
VIN
BST
BIN2
BIN1
AIN1
VDD
GND
MP6507
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EXPOSED PAD ON
BACKSIDE
CONNECTED TO GND
SENA
AOUT2
SENB
VIN
GND
VDD
BST
1
2
3
4
12
11
10
9
BOUT2
EXPOSED PAD ON
BACKSIDE
CONNECTED TO GND
MP6507
TSSOP16-EP (5.0×6.4mm)
QFN16 (3×3mm)/(4x4mm)
nSLEEP
AOUT1
SENA
AOUT2
BOUT2
SENB
BOUT1
FAULT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AIN1
AIN2
VDD
GND
VIN
BST
BIN2
BIN1
TOP VIEW
TSSOP16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com