Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6507 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6507
Description  2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6507 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6507 Datasheet HTML 1Page - Monolithic Power Systems MP6507 Datasheet HTML 2Page - Monolithic Power Systems MP6507 Datasheet HTML 3Page - Monolithic Power Systems MP6507 Datasheet HTML 4Page - Monolithic Power Systems MP6507 Datasheet HTML 5Page - Monolithic Power Systems MP6507 Datasheet HTML 6Page - Monolithic Power Systems MP6507 Datasheet HTML 7Page - Monolithic Power Systems MP6507 Datasheet HTML 8Page - Monolithic Power Systems MP6507 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP6507 –2.7V-TO-15V, 700mA, STEPPER MOTOR DRIVER
MP6507 Rev. 1.05
www.MonolithicPower.com
4
4/30/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN =2.7V to 15V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Type
Max
Units
Power Supply
Input Supply Voltage
V
IN
2.7
15
V
Quiescent Current
I
IN
nSLEEP=1, I
OUT=0,
Output disable
1.1
mA
I
IN_SLEEP
nSLEEP=0, V
IN=5V
1
µA
Integrated MOSFETs
Output On Resistance
R
HS
I
OUT=500mA, VIN=5V
T
J=25°C
460
mΩ
I
OUT=500mA, VIN=2.7V
T
J=25°C
565
680
mΩ
I
OUT=500mA, VIN=5V
T
J=85°C
570
mΩ
I
OUT=500mA, VIN=2.7V
T
J=85°C
700
mΩ
R
LS
I
OUT=500mA, VIN=5V
T
J=25°C
395
mΩ
I
OUT=500mA, VIN=2.7V
T
J=25°C
515
680
mΩ
I
OUT=500mA, VIN=5V
T
J=85°C
490
mΩ
I
OUT=500mA, VIN=2.7V
T
J=85°C
650
mΩ
Body-Diode Forward Voltage
V
F
I
OUT=500mA
1
V
Control Logic
UVLO Threshold (Rising)
V
IN_RISE
2.5
V
UVLO Hysteresis
V
HYS
70
mV
Input Logic ‘Low’ Threshold
VIL
0.6
V
Input Logic ‘High’ Threshold
VIH
2
V
nSLEEP Logic, Low
V
SLEEP_L
0.4
V
nSLEEP Logic, High
V
SLEEP_H
2
V
Fault Output Logic, Low
V
FAULT_L
Flag triggered by OTP
1mA Current.
200
mV
Fault Output Leakage Current
I
LEAK_FAULT
V
FAULT=5V
1
µA
Constant Off Time
TOFF
27
µs
Propagation Delay Time (On)
TON_DELAY
INx high to OUTx on
10mA Source Current
50
150
250
ns
Propagation Delay Time (Off)
TOFF_DELAY INx low to OUTx off
50
150
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com