Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6507GR Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6507GR
Description  2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6507GR Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6507GR Datasheet HTML 1Page - Monolithic Power Systems MP6507GR Datasheet HTML 2Page - Monolithic Power Systems MP6507GR Datasheet HTML 3Page - Monolithic Power Systems MP6507GR Datasheet HTML 4Page - Monolithic Power Systems MP6507GR Datasheet HTML 5Page - Monolithic Power Systems MP6507GR Datasheet HTML 6Page - Monolithic Power Systems MP6507GR Datasheet HTML 7Page - Monolithic Power Systems MP6507GR Datasheet HTML 8Page - Monolithic Power Systems MP6507GR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MP6507 –2.7V-TO-15V, 700mA, STEPPER MOTOR DRIVER
MP6507 Rev. 1.05
www.MonolithicPower.com
3
4/30/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ..........................-0.3V to 18V
AOUTx Voltage VAOUTx ...............-0.3V to VIN+1V
BOUTx Voltage VBOUTx ...............-0.3V to VIN+1V
BST Voltage VBST.......................-0.3V to VIN+7V
Sense Voltage VSENx ......................-0.3V to 0.5V
All Other Pins.................................-0.3V to 6.5V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Continuous Power Dissipation (TA = +25°C) (2)
QFN16 (3×3mm)........................................ 2.1W
QFN16 (4×4mm)........................................ 2.7W
TSSOP16-EP (5.0×6.4mm) ....................... 2.8W
TSSOP16................................................... 1.4W
Operating Temperature.............. -40°C to +85°C
Recommended Operating Conditions (3)
Supply Voltage VIN ...........................2.7V to 15V
Output Current IA/BOUT.............................. 700mA
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
QFN16(3×3mm)...................... 60 ...... 12... °C/W
QFN16(4×4mm)...................... 46 ...... 10... °C/W
TSSOP16-EP(5.0×6.4mm) ..... 45 ...... 10... °C/W
TSSOP16 ............................... 90 ...... 30... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com