Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6507GR Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6507GR
Description  2.7V-to-15V, 700mA, Bipolar Stepper-Motor Driver with Integrated MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6507GR Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6507GR Datasheet HTML 8Page - Monolithic Power Systems MP6507GR Datasheet HTML 9Page - Monolithic Power Systems MP6507GR Datasheet HTML 10Page - Monolithic Power Systems MP6507GR Datasheet HTML 11Page - Monolithic Power Systems MP6507GR Datasheet HTML 12Page - Monolithic Power Systems MP6507GR Datasheet HTML 13Page - Monolithic Power Systems MP6507GR Datasheet HTML 14Page - Monolithic Power Systems MP6507GR Datasheet HTML 15Page - Monolithic Power Systems MP6507GR Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP6507 –2.7V-TO-15V, 700mA, STEPPER MOTOR DRIVER
MP6507 Rev. 1.05
www.MonolithicPower.com
12
4/30/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
from sleep mode, though there is a delay time of
~1ms until the internal circuitry stabilizes.
Blanking Time
There is usually a current spike during the
switching transition due to the body diode’s
reverse-recovery current or the distributed
inductance or capacitance. This current spike
requires filtering to prevent it from erroneously
shutting down the high-side MOSFET. An
internal blanking time TBLANK blanks the output of
the current sense comparator when the outputs
are switched, which is also the minimum on time
for high-side MOSFET.
Enable
If all the inputs (AIN1, AIN2, BIN1 and BIN2) are
logic low, the MP6507’s outputs are disabled
while the charger pump and internal regulator
remain active.
Synchronous Rectifier
The MP6507 enters a synchronous rectifier (SR)
mode during the constant off-time period when
the current limit threshold is exceeded, and the
load current freewheels in slow decay SR mode.
In slow decay mode, the current freewheels
through one low-side MOSFET and the body
diode of the other low-side MOSFET to short the
winding. The SR mode enables both two low-side
MOSFETs, which feature a lower voltage drop
and lower power dissipation during decay
operation.
Thermal Shutdown
The junction temperature of the IC is internally
monitored. If the junction temperature exceeds
the threshold value (typically 165ºC), the
converter is shut down (the fault pin goes low)
and recoveries once the junction temperature
drops to about 150ºC (15ºC hysteresis).
UVLO protection
The MP6507 has UVLO protection. When the
VIN exceeds the UVLO rising threshold, the
MP6507 powers up. It shuts off when VIN drops
below the UVLO falling threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com