Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6508 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6508
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6508 Datasheet HTML 1Page - Monolithic Power Systems MP6508 Datasheet HTML 2Page - Monolithic Power Systems MP6508 Datasheet HTML 3Page - Monolithic Power Systems MP6508 Datasheet HTML 4Page - Monolithic Power Systems MP6508 Datasheet HTML 5Page - Monolithic Power Systems MP6508 Datasheet HTML 6Page - Monolithic Power Systems MP6508 Datasheet HTML 7Page - Monolithic Power Systems MP6508 Datasheet HTML 8Page - Monolithic Power Systems MP6508 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MP6
508 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6508 Rev.1.0
www.MonolithicPower.com
2
6/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP6508GF*
TSSOP-16 EP
See Belows
MP6508GR**
QFN-16 (4mmx4mm)
See Belows
* For Tape & Reel, add suffix
–Z (e.g. MP6508GF–Z);
**For Tape & Reel, add suffix
–Z (e.g. MP6508GR–Z);
TOP MARKING (MP6508GF)
MPS: MPS prefix;
YY: year code;
WW: week code:
MP6508: product code of MP6508GF;
LLLLLL: lot number;
TOP MARKING (MP6508GR)
MPS: MPS prefix;
Y: year code;
WW: week code:
MP6508: product code of MP6508GR;
LLLLLL: lot number;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com