Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6508 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6508
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6508 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6508 Datasheet HTML 7Page - Monolithic Power Systems MP6508 Datasheet HTML 8Page - Monolithic Power Systems MP6508 Datasheet HTML 9Page - Monolithic Power Systems MP6508 Datasheet HTML 10Page - Monolithic Power Systems MP6508 Datasheet HTML 11Page - Monolithic Power Systems MP6508 Datasheet HTML 12Page - Monolithic Power Systems MP6508 Datasheet HTML 13Page - Monolithic Power Systems MP6508 Datasheet HTML 14Page - Monolithic Power Systems MP6508 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP6
508 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6508 Rev.1.0
www.MonolithicPower.com
12
6/27/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
charge
pump
all
shut
down.
Connect
the
nSLEEP pin to logic high to wake up the MP6508
from sleep mode, though there is a delay time of
~1ms until the internal circuitry stabilizes.
Blanking Time
There is usually a current spike during the
switching transition due to the
body diode’s
reverse-recovery
current
or
the
distributed
inductance or capacitance. This current spike
requires filtering to prevent it from erroneously
shutting
down
the
high-side
MOSFET.
An
internal blanking time TBLANK blanks the output of
the current sense comparator when the outputs
are switched, which is also the minimum on time
for high-side MOSFET.
Enable
If all the inputs (AIN1, AIN2, BIN1 and BIN2) are
logic low, the MP6508’s outputs are disabled
while the charger pump and internal regulator
remain active.
Synchronous Rectifier
The MP6508 enters a synchronous rectifier (SR)
mode during the constant off-time period when
the current limit threshold is exceeded, and the
load current freewheels in slow decay SR mode.
In slow decay mode, the current freewheels
through one low-side MOSFET and the body
diode of the other low-side MOSFET to short the
winding. The SR mode enables both two low-side
MOSFETs, which feature a lower voltage drop
and
lower
power
dissipation
during
decay
operation.
Over-Current Protection
The over-current protection circuit limits the
current through the FET by disable the gate
driver. If the over-current limit threshold is
reached and lasts for longer than the over-
current deglitch time, all MOSFETs in the H-
bridge will be disabled and the nFAULT pin will
be driven low. The driver will remain disabled and
is reset to enable state after 2ms(typ). Please
note that only the H-bridge in which the OCP is
detected will be disabled while the other bridge
will operate normally.
Over-current conditions on both high and low
side devices; i.e., a short to ground, supply, or
across the motor winding will all result in an over-
current
shutdown.
Note
that
over-current
protection does not use the current sense
circuitry used for PWM current control, and is
independent of the sense resistor value or VREF
voltage.
Thermal Shutdown
The junction temperature of the IC is internally
monitored. If the junction temperature exceeds
the
threshold
value
(typically
165ºC),
the
converter is shut down (the fault pin goes low)
and recoveries once the junction temperature
drops to about 150ºC (15ºC hysteresis).
UVLO protection
The MP6508 has UVLO protection. When the
VIN exceeds the UVLO rising threshold, the
MP6508 powers up. It shuts off when VIN drops
below the UVLO falling threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com