Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6509 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6509
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6509 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6509 Datasheet HTML 1Page - Monolithic Power Systems MP6509 Datasheet HTML 2Page - Monolithic Power Systems MP6509 Datasheet HTML 3Page - Monolithic Power Systems MP6509 Datasheet HTML 4Page - Monolithic Power Systems MP6509 Datasheet HTML 5Page - Monolithic Power Systems MP6509 Datasheet HTML 6Page - Monolithic Power Systems MP6509 Datasheet HTML 7Page - Monolithic Power Systems MP6509 Datasheet HTML 8Page - Monolithic Power Systems MP6509 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP6509 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6509 Rev.1.0
www.MonolithicPower.com
4
8/28/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN=9V, TA =25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input Supply Voltage
V
IN
2.7
18
V
VDD Voltage
V
DD
4.85
V
Quiescent Current
I
IN
nSLEEP=1, I
OUT=0,
Output disable
1.6
1.8
mA
I
IN_SLEEP
nSLEEP=0, V
IN=9V
1
µA
Integrated MOSFETs
Output On Resistance
R
HS
I
OUT=500mA, VIN=9V
T
J=25°C
250
350
mΩ
I
OUT=500mA, VIN=2.7V
T
J=25°C
310
400
mΩ
I
OUT=500mA, VIN=9V
T
J=85°C
350
mΩ
I
OUT=500mA, VIN=2.7V
T
J=85°C
400
mΩ
R
LS
I
OUT=500mA, VIN=9V
T
J=25°C
235
350
mΩ
I
OUT=500mA, VIN=2.7V
T
J=25°C
310
400
mΩ
I
OUT=500mA, VIN=9V
T
J=85°C
310
mΩ
I
OUT=500mA, VIN=2.7V
T
J=85°C
400
mΩ
Body-Diode Forward
Voltage
V
F
I
OUT=500mA
1
V
Control Logic
UVLO Threshold (Rising)
V
IN RISE
2.5
V
UVLO Hysteresis
V
HYS
30
75
120
mV
Input Logic ‘Low’ Threshold
VIL
0.6
V
Input Logic ‘High’ Threshold
VIH
2
V
nSLEEP Logic, Low
V
SLEEP L
0.4
V
nSLEEP Logic, High
V
SLEEP H
2
V
Fault Output Logic, Low
V
FAULT_L
Flag triggered by OTP
1mA Current.
200
mV
Fault Output Leakage
Current
I
LEAK_FAULT
V
FAULT=5V
1
µA
Constant Off Time
TOFF
21
26
31
µs
Propagation Delay Time
(On)
TON DELAY(HS)
10mA Source Current
100
200
300
ns
TON DELAY(LS)
20
55
90
ns
Propagation Delay Time
(Off)
TOFF DELAY(HS)
135
180
225
ns
TOFF DELAY(LS)
80
130
180
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com