Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6509 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6509
Description  2.7V-to-18V, 1.2A, Bipolar Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6509 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6509 Datasheet HTML 7Page - Monolithic Power Systems MP6509 Datasheet HTML 8Page - Monolithic Power Systems MP6509 Datasheet HTML 9Page - Monolithic Power Systems MP6509 Datasheet HTML 10Page - Monolithic Power Systems MP6509 Datasheet HTML 11Page - Monolithic Power Systems MP6509 Datasheet HTML 12Page - Monolithic Power Systems MP6509 Datasheet HTML 13Page - Monolithic Power Systems MP6509 Datasheet HTML 14Page - Monolithic Power Systems MP6509 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP6509 – 2.7V-TO-18V, 1.2A STEPPER MOTOR DRIVER
MP6509 Rev.1.0
www.MonolithicPower.com
12
8/28/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
the other input pin low; for slow decay mode,
apply the PWM signal to one input pin and keep
the other input pin high. See Table 2 for more
configuration details and Figure 5 for detailed
waveforms.
Table 2: PWM Control
A/BIN1
A/BIN2
Mode
H (PWM)
L
Forward
L (PWM)
L
Fast Decay
L
H (PWM)
Reverse
L
L (PWM)
Fast Decay
H
L (PWM)
Forward
H
H (PWM)
Slow Decay
L (PWM)
H
Reverse
H (PWM)
H
Slow Decay
A/B IN1
A/B IN2
IA/BOUT1
Forward
Reverse
Forward
Reverse
Slow Decay
Fast Decay
0
0
0
Figure 5: External PWM Current Control Waveform
Internal PWM Current Control
For this control method, the motor current is
regulated by an internal constant off-time PWM
current control circuit as the following:
• Initially, a diagonal pair of MOSFETs
turns on so current can flow through the
motor winding.
• The current increases in the motor
winding, which is sensed by an external
sense resistor (RSENSE). During the initial
blanking time TBLANK (3us), the high-side
MOSFET always turns on in spite of
current limit detection.
• When the voltage across RSENSE reaches
the internal reference voltage threshold
VTRIP, the internal current comparator
shuts off the high-side MOSFET.
• The stepper motor’s inductance causes
the current to freewheel through the two
low-side MOSFETs (slow decay).
• During this freewheeling time, the current
decreases until the internal clock reaches
its’ constant off time (typically 30µs). After
that, the high-side MOSFET is enabled to
increase the winding current again.
• The cycle then repeats.
Calculate the current limit as:
REF
LIMIT
SENSE
V
I
R
=
(1)
Figure 6: Internal PWM Current Control Waveform
The value of VREF can be switched to four-step
settings depending on the status of the two
inputs ATT1 and ATT2. This is helpful to reduce
the power dissipation when motor holding current
is supplied. See Table 3 for more configuration
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com