Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ5232 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMBJ5232
Description  SILICON 1 WATT ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBJ5232 Datasheet(HTML) 1 Page - Microsemi Corporation

  SMBJ5232 Datasheet HTML 1Page - Microsemi Corporation SMBJ5232 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC1346.PDF
ISO 9001 CERTIFIED
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax (480) 947-1503
SMBJ5221
thru
SMBJ5281
SMBJ
Dimensions in Inches
A
B
C
D
E
MIN.
.077
.160
.130
.205
.075
MAX.
.083
.180
.155
.220
.095
Dimensions in Millimeters
MIN.
1.96
4.06
3.30
5.21
1.90
MAX.
2.10
4.57
3.94
5.59
2.41
SILICON
1 WATT
ZENER DIODES
FEATURES:
•
Popular SMBJ Package - Small and Rugged Surface Mount
•
Constructed with an Oxide Passivated Die
•
Voltage Range 2.4 to 200 Volts
•
Tight Tolerance Available
MAXIMUM RATINGS:
•
Operating & Storage Temperature: -55
°°C to +150°°C
•
DC Power Dissipation: 1 Watt
•
Power Derating: 20 mW/
°°C above 100°°C
•
Forward voltage @ 200mA: 1.1V
MECHANICAL CHARACTERISTICS:
CASE: DO-214AA Molded Surface Mountable with flame retardant epoxy
meeting UL94V-0
Terminals: C-bend (modified J-bend) leads, tin lead plated.
Polarity: Cathode indicated by band.
Packaging: Standard 12mm tape (see EIA Std. RS-481).
THERMAL RESISTANCE: 50
°°C/ Watt (typical) junction to lead (tab) at
mounting plane.
MAXIMUM TEMPERATURE FOR SOLDERING: 260
°°C for 10 seconds.
1000
0
800
+ 25
1200
600
400
200
+ 50
+ 75
+ 100
+ 125
+ 150
+ 175
+ 200
TL LEAD TEMPERATURE AT MOUNTING PLANE
POWER DERATING CURVE
0.089
0.085
Modified J-Bend
0.108


Similar Part No. - SMBJ5232

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SMBJ5 TAITRON-SMBJ5 Datasheet
181Kb / 5P
600W Surface Mount Transient Voltage Suppressor
logo
Jinan Gude Electronic D...
SMBJ5.0 JGD-SMBJ5.0 Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMBJ5.0 DCCOM-SMBJ5.0 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ5.0 EIC-SMBJ5.0 Datasheet
110Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMBJ5.0 GE-SMBJ5.0 Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ5232

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4728 MCC-SMAJ4728 Datasheet
387Kb / 3P
Silicon 1 Watt Zener Diodes
logo
Microsemi Corporation
1N3016B MICROSEMI-1N3016B Datasheet
101Kb / 2P
Silicon 1 WATT Zener Diodes
1N3821 MICROSEMI-1N3821 Datasheet
288Kb / 3P
SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
88Kb / 2P
SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
SILICON 1 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N3017B NJSEMI-1N3017B Datasheet
230Kb / 2P
SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
1N4744APTR8 MICROSEMI-1N4744APTR8 Datasheet
175Kb / 3P
Silicon 1 Watt Zener Diodes
1N4728AG MICROSEMI-1N4728AG Datasheet
178Kb / 3P
Silicon 1 Watt Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com