Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW-W5AM Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LW-W5AM
Description  white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-W5AM Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LW-W5AM Datasheet HTML 10Page - OSRAM GmbH LW-W5AM Datasheet HTML 11Page - OSRAM GmbH LW-W5AM Datasheet HTML 12Page - OSRAM GmbH LW-W5AM Datasheet HTML 13Page - OSRAM GmbH LW-W5AM Datasheet HTML 14Page - OSRAM GmbH LW-W5AM Datasheet HTML 15Page - OSRAM GmbH LW-W5AM Datasheet HTML 16Page - OSRAM GmbH LW-W5AM Datasheet HTML 17Page - OSRAM GmbH LW-W5AM Datasheet HTML 18Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
2008-02-27
16
LW W5AM
Wegen der Streichung der LED aus der IEC 60825-1 (2nd edition 2007-03) erfolgt die Bewertung der Augesicherheit
nach dem Standard CIE S009/E:2002 ("photobiological safety of lamps and lamp systems") / IEC 62471 (1st edition
2006-07).
Im Risikogruppensystem dieser CIE- Norm erf¸llen die in diesem Datenblatt angegebenen LED die "moderate risk"-
Gruppe (die die sich im "sichtbaren" Spektralbereich auf eine Expositionsdauer von 0,25 s bezieht). Unter realen
Umst‰nden (f¸r Expositionsdauer, Augenpupille, Betrachtungsabstand) geht damit von diesen Bauelementen keinerlei
Augengef‰hrdung aus.
Grunds‰tzlich sollte jedoch erw‰hnt werden, dass intensive Lichtquellen durch ihre Blendwirkung ein hohes se-
kund‰res Gefahrenpotenzial besitzen. Wie nach dem Blick in andere helle Lichtquellen (z.B. Autoscheinwerfer) auch,
kˆnnen tempor‰r eingeschr‰nktes Sehvermˆgen und Nachbilder je nach Situation zu Irritationen, Bel‰stigungen, Be-
eintr‰chtigungen oder sogar Unf‰llen f¸hren.
Due to the cancellation of the LED from IEC 608251 (2nd edition 2007-03) , the evaluation of eye safety occurs accor-
ding to the dual IEC/CIE logo standard CIE S009/E:2002 ("photobiological safety of lamps and lamp systems")-
IEC 62471 (1st edition 2006-07).
Within the risk grouping system of this CIE standard, the LEDs specified in this data sheet fall into the "lmoderate risk"
group (relating to devices in the visible spectrum with an exposure time of 0.25s). Under real circumstances (for expo-
sure time, eye pupils, observation distance), it is assumed that no endangerment to the eye exists from these devices.
As a matter of principle, however, it should be mentioned that intense light sources have a high secondary exposure
potential due to their blinding effect. As is also true when viewing other bright light sources (e.g. headlights), temporary
reduction in visual acuity and afterimages can occur, leading to irritation, annoyance, visual impairment, and even
accidents, depending on the situation.
Revision History: 2008-02-27
Previous Version:
2007-12-07
Page
Subjects (major changes since last revision)
Date of change
10
Diagrams Permissible Pulse Handling Capability changed
2008-02-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com