Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS72651 Datasheet(PDF) 20 Page - ams AG

Part # AS72651
Description  Sensor with Electronic Shutter and 18-Channel AS7265x Master Capability
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS72651 Datasheet(HTML) 20 Page - ams AG

Back Button AS72651 Datasheet HTML 16Page - ams AG AS72651 Datasheet HTML 17Page - ams AG AS72651 Datasheet HTML 18Page - ams AG AS72651 Datasheet HTML 19Page - ams AG AS72651 Datasheet HTML 20Page - ams AG AS72651 Datasheet HTML 21Page - ams AG AS72651 Datasheet HTML 22Page - ams AG AS72651 Datasheet HTML 23Page - ams AG AS72651 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-03] 2017-Oct-17
AS72651 − Detailed Description
Reset
Pulling down the RESN pin for longer than 100ms resets the
AS72651 which proceed to reset the AS72562 and the same
RESN signal shown below can be used directly to reset the
AS72653.
Figure 22:
Reset Circuit
AS7265x LED_IND Controls
There are LED_IND pins on all AS7265x devices. An LED con-
nected to LED_IND can be used as a general power indicator
and will automatically be used to indicate a Flash firmware up-
date is occurring.
During a firmware update of the AS72651 via an external SD
card the indicator LED starts flashing (500ms pulses). When pro-
gramming is completed the device re-starts and the indicator
LED stops flashing. The LED_IND can then be setup as needed.
Each AS7265x LED_IND source can be turned on/off via AT com-
mands or I²C register control, and LED_IND sink current is pro-
grammable to 1mA, 2mA, 4mA or 8mA. This LED_IND control
can also be used in applications just like the LED_DRV control
(described below), if the lower current sink of the LED_IND con-
trol is appropriate.
Electronic Shutter with AS7265x LED_DRV
Driver Control
There are LED_DRV pins on all AS7265x devices. The LED_DRV
pin can be used to control external LED sources as needed for
sensor applications. LED_DRV can sink a programmable current
of 12.5mA, 25mA, 50mA or 100mA. The control can be turned
on/off via I²C registers or AT commands, and as such it provides
the AS7265x device with an electronic shutter.
Reset
AS72651
Spectral_ID
Engine
RESN
Push > 100ms
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com