Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS72651 Datasheet(PDF) 21 Page - ams AG

Part # AS72651
Description  Sensor with Electronic Shutter and 18-Channel AS7265x Master Capability
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS72651 Datasheet(HTML) 21 Page - ams AG

Back Button AS72651 Datasheet HTML 17Page - ams AG AS72651 Datasheet HTML 18Page - ams AG AS72651 Datasheet HTML 19Page - ams AG AS72651 Datasheet HTML 20Page - ams AG AS72651 Datasheet HTML 21Page - ams AG AS72651 Datasheet HTML 22Page - ams AG AS72651 Datasheet HTML 23Page - ams AG AS72651 Datasheet HTML 24Page - ams AG AS72651 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
ams Datasheet
Page 21
[v1-03] 2017-Oct-17
Document Feedback
AS72651 − Detailed Description
Interrupt Operation
Interrupt operation is only needed for AS72651 as it transpar-
ently controls data collection from the AS72652 (if used) or
AS72653 (if used).
If BANK is set in the AS72651 to Mode 0 or Mode 1, data is ready
after the 1st integration time. If BANK is set to Mode 2, data is
ready after two integration times.
For interrupt operation using I²C registers, if interrupts are en-
abled and data is ready, the INT pin is set low and DATA_RDY is
set to 1. The INT line is released (returns high) when the control
register is read. DATA_RDY is cleared to 0 when any of the sensor
registers are read. For multi-byte sensor data (2 or 4 bytes), after
the 1st byte is read the remaining bytes are shadow protected
in case an integration cycle completes just after the 1st byte is
read. The sensors continue to gather information at the rate of
the integration time, hence if the sensor registers are not read
when the interrupt line goes low, it will stay low and the next
cycle’s sensor data will be available in the registers at the end
of the next integration cycle.
For interrupt operation using AT Commands, if interrupts are
enabled and data is ready the INT pin is set low and is released
(returns high) after any sensor data is read.
Required Flash Memory
Serial flash EPROM is a required operating companion for this
device, and enables the I²C and UART interfaces, as well as
enabling calibrated data results. Supported device types are
noted in Ordering Information at the end of this document.
Required operating code can be downloaded at
download.ams.com.
I²C Slave Interface
If selected by the I2C_ENB pin setting, interface and control can
be accomplished through an I²C compatible slave interface to
a set of registers that provide access to device control functions
and output data. These registers on the AS72651 are, in reality,
implemented as virtual registers in software. The actual I²C slave
hardware registers number only three and are described in the
table below. The steps necessary to access the virtual registers
defined in the following are explained in pseudocode for exter-
nal I²C master writes and reads below.
I²C Feature List
• Fast mode (400kHz) and standard mode (100kHz) support.
• 7+1-bit addressing mode.
• Write format: Byte.
• Read format: Byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com