Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8272MAIRZ Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ISL8272MAIRZ
Description  50A Digital DC/DC PMBus Power Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8272MAIRZ Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ISL8272MAIRZ Datasheet HTML 28Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 29Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 30Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 31Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 32Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 33Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 34Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 35Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
ISL8272M
FN8670 Rev.5.00
Page 32 of 59
Nov 8, 2017
VOUT_DROOP (28h)
Definition: Sets the effective load line (V/I slope) for the rail in which the device is used. It is the rate, in mV/A, at which the output
voltage decreases (or increases) with increasing (or decreasing) output current for use with Adaptive Voltage Positioning schemes or
multi-module current sharing. In the current sharing configuration, VOUT_DROOP set in each module stands for the droop seen by the
load.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default value: Pin strap setting
Units: mV/A
Range: 0 to 40mV/A
FREQUENCY_SWITCH (33h)
Definition: Sets the switching frequency of the device. The initial default value is defined by a pin strap and this value can be overridden
by writing this command using PMBus. If an external SYNC is utilized, this value should be set as close as possible to the external clock
value. The output must be disabled when writing this command.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: Pin strap setting
Units: kHz
Range: 300kHz to 1066kHz
INTERLEAVE (37h)
Definition: Configures the phase offset of a device that is sharing a common SYNC clock with other devices. The phase offset of each
device can be set to any value between 0° and 360° in 22.5° increments. The internal two phases of the module always maintain a
phase difference of 180°.
Data Length in Bytes: 2
Data Format: BIT
Type: R/W
Default Value: 0000h
Units: N/A
IOUT_CAL_GAIN (38h)
Definition: Sets the effective impedance across the current sense circuit for use in calculating output current at +25°C.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: B370h (0.86mΩ)
Units: mΩ
IOUT_CAL_OFFSET (39h)
Definition: Used to null out any offsets in the output current sensing circuit and to compensate for delayed measurements of current
ramp due to Isense blanking time.
Data Length in Bytes: 2
Data Format: L11
Type: R/W
Default Value: 0000h (0A)
Units: A
BITS
PURPOSE
VALUE
DESCRIPTION
15:4
Reserved
0
Reserved
3:0
Position in Group
0 to 15
Sets position of the device's rail within the group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com