Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8272MAIRZ Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ISL8272MAIRZ
Description  50A Digital DC/DC PMBus Power Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8272MAIRZ Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ISL8272MAIRZ Datasheet HTML 29Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 30Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 31Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 32Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 33Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 34Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 35Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 36Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
ISL8272M
FN8670 Rev.5.00
Page 33 of 59
Nov 8, 2017
VOUT_OV_FAULT_LIMIT (40h)
Definition: Sets the VOUT overvoltage fault threshold.
Data Length in Bytes: 2
Data Format: L16u
Type: R/W
Default Value: 1.15xVOUT_COMMAND pin strap setting
Units: V
Range: 0V to VOUT_MAX
VOUT_OV_FAULT_RESPONSE (41h)
Definition: Configures the VOUT overvoltage fault response. Note that the device cannot be set to ignore this fault mode.
Data Length in Bytes: 1
Data Format: BIT
Type: R/W
Default Value: 80h (Disable and no retry)
Units: N/A
VOUT_OV_WARN_LIMIT (42h)
Definition: Sets the VOUT overvoltage warning threshold. The power-good signal is pulled low when output voltage goes higher than this
threshold.
Data Length in Bytes: 2
Data Format: L16u
Type: R/W
Default Value: 1.10xVOUT_COMMAND pin strap setting
Units: V
Range: 0V to VOUT_MAX
VOUT_UV_WARN_LIMIT (43h)
Definition: Sets the VOUT undervoltage warning threshold. The power-good signal is pulled low when output voltage goes lower than this
threshold.
Data Length in Bytes: 2
Data Format: L16u
Type: R/W
Default Value: 0.90xVOUT_COMMAND pin strap setting
Units: V
Range: 0V to VOUT_MAX
VOUT_UV_FAULT_LIMIT (44h)
Definition: Sets the VOUT undervoltage fault threshold. This fault is masked during ramp or when disabled.
Data Length in Bytes: 2
Data Format: L16u
Type: R/W
Default Value: 0.85xVOUT_COMMAND pin strap setting
Units: V
Range: 0V to VOUT_MAX
SETTINGS
ACTIONS
80h
Disable with no retry.
BFh
Disable and continuous retry with 70ms delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com