Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2L06RL Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH2L06RL
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2L06RL Datasheet(HTML) 7 Page - STMicroelectronics

  STTH2L06RL Datasheet HTML 1Page - STMicroelectronics STTH2L06RL Datasheet HTML 2Page - STMicroelectronics STTH2L06RL Datasheet HTML 3Page - STMicroelectronics STTH2L06RL Datasheet HTML 4Page - STMicroelectronics STTH2L06RL Datasheet HTML 5Page - STMicroelectronics STTH2L06RL Datasheet HTML 6Page - STMicroelectronics STTH2L06RL Datasheet HTML 7Page - STMicroelectronics STTH2L06RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STTH2L06
7/8
Figure 19: DO-41 Package Mechanical Data
CA
B
O
/
O
/ D
O
/ D
C
Table 7: Ordering Information
Part Number
Marking
Package
Weight
Base qty
Delivery mode
STTH2L06
STTH2L06
DO-41
0.34 g
2000
Ammopack
STTH2L06RL
STTH2L06
DO-41
0.34 g
5000
Tape & reel
STTH2L06A
L6A
SMA
0.068 g
5000
Tape & reel
STTH2L06U
L6U
SMB
0.11 g
2500
Tape & reel
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.07
5.20
0.160
0.205
B
2.04
2.71
0.080
0.107
C28
1.102
D
0.712
0.863
0.028
0.034
Table 8: Revision History
Date
Revision
Description of Changes
07-Sep-2004
1
First issue



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com