Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2L06RL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH2L06RL
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2L06RL Datasheet(HTML) 1 Page - STMicroelectronics

  STTH2L06RL Datasheet HTML 1Page - STMicroelectronics STTH2L06RL Datasheet HTML 2Page - STMicroelectronics STTH2L06RL Datasheet HTML 3Page - STMicroelectronics STTH2L06RL Datasheet HTML 4Page - STMicroelectronics STTH2L06RL Datasheet HTML 5Page - STMicroelectronics STTH2L06RL Datasheet HTML 6Page - STMicroelectronics STTH2L06RL Datasheet HTML 7Page - STMicroelectronics STTH2L06RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
1/8
Table 1: Main Product Characteristics
IF(AV)
2 A
VRRM
600 V
Tj
175°C
VF (typ)
0.85 V
trr (typ)
60 ns
STTH2L06
HIGH EFFICIENCY ULTRAFAST DIODE
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) RMS forward voltage
7
A
IF(AV)
Average forward current
δ = 0.5
DO-41
Tl = 90°C
2
A
SMA
Tl = 100°C
2
SMB
Tl = 115°C
2
IFSM
Surge non repetitive forward current
DO-41
tp = 10ms
sinusoidal
45
A
SMA / SMB
35
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
SMA
STTH2L06A
SMB
STTH2L06U
DO-41
STTH2L06
K
A
September 2004
REV. 1
FEATURES AND BENEFITS
Very low conduction losses
Negligible switching losses
Low forward and reverse recovery times
High junction temperature
DESCRIPTION
The STTH2L06 is using ST Turbo 2 600V planar
Pt doping technology. It is specially suited for
SMPS and base drive transistor circuits.
Packaged in axial, SMA and SMB, this device is
intended for use in high frequency inverters, free
wheeling and polarity protection.
Table 2: Order Codes
Part Number
Marking
STTH2L06
STTH2L06
STTH2L06RL
STTH2L06
Part Number
Marking
STTH2L06A
L6A
STTH2L06U
L6U


Similar Part No. - STTH2L06RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2L06-Y STMICROELECTRONICS-STTH2L06-Y Datasheet
231Kb / 8P
Low conduction losses
04-Aug-2014
STTH2L06-Y STMICROELECTRONICS-STTH2L06-Y Datasheet
251Kb / 9P
Automotive 2 A - 600 V turbo 2 ultrafast rectifier
26-Apr-2022
STTH2L06-Y STMICROELECTRONICS-STTH2L06-Y_V01 Datasheet
251Kb / 9P
Automotive 2 A - 600 V turbo 2 ultrafast rectifier
26-Apr-2022
STTH2L06UFY STMICROELECTRONICS-STTH2L06UFY Datasheet
251Kb / 9P
Automotive 2 A - 600 V turbo 2 ultrafast rectifier
26-Apr-2022
More results

Similar Description - STTH2L06RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH6002C STMICROELECTRONICS-STTH6002C_06 Datasheet
114Kb / 9P
High efficiency ultrafast diode
05-Apr-2006
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com