Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-CP7P Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LCW-CP7P
Description  SMD ceramic package with silicon resin with lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CP7P Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LCW-CP7P Datasheet HTML 6Page - OSRAM GmbH LCW-CP7P Datasheet HTML 7Page - OSRAM GmbH LCW-CP7P Datasheet HTML 8Page - OSRAM GmbH LCW-CP7P Datasheet HTML 9Page - OSRAM GmbH LCW-CP7P Datasheet HTML 10Page - OSRAM GmbH LCW-CP7P Datasheet HTML 11Page - OSRAM GmbH LCW-CP7P Datasheet HTML 12Page - OSRAM GmbH LCW-CP7P Datasheet HTML 13Page - OSRAM GmbH LCW-CP7P Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2010-09-09
10
Vorläufige Daten / Preliminary Data
LCW CP7P
Relative spektrale Emission
2) Seite 21
Relative Spectral Emission
2) page 21
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
Φ
rel = f (λ); TS = 25 °C; IF = 350 mA
Abstrahlcharakteristik
2) Seite 21
Radiation Characteristic
2) page 21
Ι
rel = f (ϕ); TS = 25 °C
40
0
380
20
60
80
100
%
nm
λ
OHL14320
430
480
530
580
630
680
730
780
Vλ
Φ
rel
OHL04325
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com