Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-CQDP.CC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCW-CQDP.CC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQDP.CC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCW-CQDP.CC Datasheet HTML 3Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 4Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 5Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 6Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 7Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 8Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 9Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 10Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Version 1.1
LCW CQDP.CC
2013-02-15
7
Color Chromaticity Groups 6) page 26
Farbortgruppen 6) Seite 26
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5L
0.3670
0.3578
5Q
0.4061
0.3773
6U
0.4420
0.3985
0.3692
0.3677
0.4095
0.3858
0.4468
0.4077
0.3746
0.3624
0.4147
0.3814
0.4477
0.3998
0.3773
0.3726
0.4185
0.3902
0.4526
0.4090
6L
0.3692
0.3677
6Q
0.4095
0.3858
7U
0.4468
0.4077
0.3714
0.3775
0.4130
0.3944
0.4515
0.4168
0.3773
0.3726
0.4185
0.3902
0.4526
0.4090
0.3799
0.3828
0.4223
0.3990
0.4576
0.4183
7L
0.3714
0.3775
7Q
0.4130
0.3944
8U
0.4515
0.4168
0.3736
0.3874
0.4164
0.4029
0.4562
0.4260
0.3799
0.3828
0.4223
0.3990
0.4576
0.4183
0.3826
0.3931
0.4261
0.4077
0.4625
0.4275
5M
0.3746
0.3624
8Q
0.4164
0.4029
5V
0.4428
0.3906
0.3773
0.3726
0.4198
0.4115
0.4477
0.3998
0.3822
0.3670
0.4261
0.4077
0.4483
0.3919
0.3853
0.3776
0.4299
0.4165
0.4534
0.4011
6M
0.3773
0.3726
5R
0.4147
0.3814
6V
0.4477
0.3998
0.3799
0.3828
0.4185
0.3902
0.4526
0.4090
0.3853
0.3776
0.4222
0.3840
0.4534
0.4011
0.3885
0.3882
0.4263
0.3929
0.4585
0.4104
7M
0.3799
0.3828
6R
0.4185
0.3902
7V
0.4526
0.4090
0.3826
0.3931
0.4223
0.3990
0.4576
0.4183
0.3885
0.3882
0.4263
0.3929
0.4585
0.4104
0.3916
0.3987
0.4305
0.4019
0.4636
0.4197
5N
0.3822
0.3670
7R
0.4223
0.3990
8V
0.4576
0.4183
0.3853
0.3776
0.4261
0.4077
0.4625
0.4275
0.3898
0.3716
0.4305
0.4019
0.4636
0.4197
0.3934
0.3825
0.4346
0.4108
0.4688
0.4290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com