Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCW-CQDP.CC Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LCW-CQDP.CC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-CQDP.CC Datasheet(HTML) 5 Page - OSRAM GmbH

  LCW-CQDP.CC Datasheet HTML 1Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 2Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 3Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 4Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 5Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 6Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 7Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 8Page - OSRAM GmbH LCW-CQDP.CC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Version 1.1
LCW CQDP.CC
2013-02-15
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 26
Durchlassspannungsgruppe 3) Seite 26
Group
Luminous Flux
1) page 26
Luminous Flux
1) page 26
Luminous Intensity
5) page 26
Gruppe
Lichtstrom 1)Seite 26
Lichtstrom 1) Seite 26
Lichtstärke 5) Seite 26
(min.) ΦV [lm]
(max.) ΦV [lm]
(typ.) IV [cd]
JT
61
65.8
15
JU
65.8
71
16
KP
71
76.3
17
KQ
76.3
82
18
KR
82
89.2
20
KS
89.2
97
21
Note: The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen bestehen. Einzelne
Helligkeitsgruppen sind nicht bestellbar.
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
3
2.75
3.00
4
3.00
3.25
5
3.25
3.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com